Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK-2CR50ERC-S Datasheet(PDF) 4 Page - DDK Ltd.

Part # DK-2CR50ERC-S
Description  Industrial waterproof rectangular connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DK-2CR50ERC-S Datasheet(HTML) 4 Page - DDK Ltd.

  DK-2CR50ERC-S Datasheet HTML 1Page - DDK Ltd. DK-2CR50ERC-S Datasheet HTML 2Page - DDK Ltd. DK-2CR50ERC-S Datasheet HTML 3Page - DDK Ltd. DK-2CR50ERC-S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.ddknet.co.jp
Unit:mm
DK-2 Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Crimp Contact
DK-2 Contact
Applicable Cable Size Insulation
O.D.(mm)
Contact
Size
Package
Style
Part Number
Contact
Quantity
(pcs)
AWG
mm2
Receptacle Contact
Tab Contact
28
0.08
26
0.12
24
0.20
0.88 〜 1.50
S
Reel
DK-2RECSST1-6000
DK-2TABSST1-6000
6,000
Bag
DK-2RECSLP1-100
DK-2TABSLP1-100
100
22
0.30
20
0.50
18
0.80
1.11 〜 2.0
M
Reel
DK-2RECMST1-6000
DK-2TABMST1-6000
6,000
Bag
DK-2RECMLP1-100
DK-2TABMLP1-100
100
Applicable Cable Size Insulation
O.D.(mm)
Contact
Size
Package
Style
Part Number
Contact
Quantity
(pcs)
AWG  mm2
Receptacle Contact
Tab Contact
28  0.08
26  0.12
24  0.20
0.88 〜 1.50
S
Reel
 DK-2RECSST1-E-6000  DK-2TABSST1-E-6000  6,000
Bag
 DK-2RECSLP1-E-100
 DK-2TABSLP1-E-100
  100
22  0.30
20  0.50
18  0.80
1.11 〜 2.0
M
Reel
 DK-2RECMST1-E-6000  DK-2TABMST1-E-6000  6,000
Bag
 DK-2RECMLP1-E-100
 DK-2TABMLP1-E-100
  100
■ Receptacle Contact
■ Tab Contact
【Contact】
【Premating Contact】
4
DK-2RECSST1-E-6000
 
Contact Style
 REC:Receptacle Contact
 TAB:Tab Contact
 
Applicable Cable Size
 S:AWG #24 ー #28
M:AWG #18 ー #22
 
Package Style
 ST:Reel
LP:Bag
 
Contact Quantity
 6000:6000 pcs / Reel
 100:100 pcs / Bag
 
Contact
 E:Premating Contact
Omit:Contact
 
Contact Plating
 1:Au(0.38 μm min)over Ni Plating


Similar Part No. - DK-2CR50ERC-S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2CR12CRC-S DDK-DK-2CR12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-2CR12CTC-S DDK-DK-2CR12CTC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
More results

Similar Description - DK-2CR50ERC-S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2P12CRC-S DDK-DK-2P12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECSST1-4000 DDK-DK-3RECSST1-4000 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3P04BRCX-S DDK-DK-3P04BRCX-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DIS30L-SP42P DDK-DIS30L-SP42P Datasheet
830Kb / 4P
   Waterproof Industrial Rectangular Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
List of Unclassifed Man...
KDM20-07 ETC2-KDM20-07 Datasheet
320Kb / 3P
   Rectangular Multi-connector
logo
Molex Electronics Ltd.
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com