Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRGPS60B120KD Datasheet(PDF) 3 Page - International Rectifier

Part No. IRGPS60B120KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRGPS60B120KD Datasheet(HTML) 3 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRGPS60B120KD
www.irf.com
3
0
50
100
150
200
TC (°C)
0
100
200
300
400
500
600
700
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
†
Fig. 2 - Power Dissipation vs. Case
Temperature
Fig. 3 - Forward SOA
TC = 25°C; TJS 150°C
Fig. 4 - Reverse Bias SOA
TJ = 150°C; VGE =15V
1
10
100
1000
10000
VCE (V)
0.1
1
10
100
1000
2 µs
10 µs
100 µs
1ms
10ms
DC
10
100
1000
10000
VCE (V)
1
10
100
1000
0
20
40
60
80
100 120 140 160
TC (°C)
0
20
40
60
80
100
120
140
LIMITED BY PACKAGE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn