Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDG12864L-7-X11S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDG12864L-7-X11S
Description  128 X 64 Dots Graphic with LED Backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDG12864L-7-X11S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDG12864L-7-X11S Datasheet HTML 1Page - Hantronix,Inc HDG12864L-7-X11S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 88
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
NC
No Connect
2V0
LCD Driver Supply Voltages
3V4
4V3
5V2
6V1
7C2-
DC/DC Voltage ConInverter capacitors
8C2+
9C1+
10
C1-
11
C3+
12
Vout #
Voltage Converter Input/ Output pin
13
VSS
Grouund
14
VDD
Power supply for Logic
15
SI
Serial Input Data
16
SCL
Serial Input Clock
17
RS
Register Select Input Signal
18
RES
Reset Input Signal
19
CS1
Chip Select Signal
20
NC
No Connect
Electrical Characteristics (VDD=3.0±0.6V 25°C)
PARAMETER
SYM
MIN
TYP
MAX
UNIT
POWER SUPPLY FOR LCD
VDD-VL
-9.0
-
V
POWER SUPPLY CURRENT
IDD
-0.15
-
mA
LED Forward Voltage
VF
-4.5
-
V
LED Forward Current (White)
(Yellow)
IF
-30
40
mA
-
60
120
LED Power Disspation (White)
(Yellow)
PD
-
135
-
mW
-
270
-
Luminous
L
-
50
-
cd/m
2
DRIVE METHOD
1/65 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
- 0.3
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
- 0.3
17.0
V
INPUT VOLTAGE
VIN
- 0.3
VDD+0.3
V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Features
Back light .........................................White or Yellow Green.LED
Connection ..........................................................Flat Flex Cable
Options.........................................STN/FSTN, 6/12 o’clock View
Extended/Nornal Temperature
Transflective or Reflective Polarizer
Built-in Controller..........................Samsung S6B0724A01-B0CY
Physical Data
Module Size.......................................70.0W x 43.0H x 9.0T mm
Viewing Area Size...........................................50.9W x 30.5 mm
Dot Pitch.......................................................0.43W x 0.43H mm
Dot Size........................................................0.39W x 0.39H mm
Dimensional Drawing
128 X 64 Dots Graphic with LED Backlight
0.39
Power Supply
Chip On Glass Technology
HDG12864L-7
0.04
CONNECTOR INFORMATION
Supplied with 0.5mm FFC, 20 Pins
C1 : 1.0 ~ 4.7 uF
C2 : 0.47 ~ 1.0uF
MS
INTRS
VSS
C2 -
+
C2 -
+
C2 -
+
C2 -
+
C2 -
+
VDD
VCI
VSS
VO UT
C4+
C3+
C1-
C1+
C2+
C2-
VR
V0
V1
V2
V3
V4
C1
C1
C1
C1


Similar Part No. - HDG12864L-7-X11S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDG12864L-7-XA0S HANTRONIX-HDG12864L-7-XA0S Datasheet
209Kb / 16P
   128x64 GRAPHICS Chip-On-Glass LCD DISPLAY MODULE
More results

Similar Description - HDG12864L-7-X11S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDG12864L-4 HANTRONIX-HDG12864L-4_15 Datasheet
48Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-7 HANTRONIX-HDG12864L-7_15 Datasheet
46Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-6 HANTRONIX-HDG12864L-6_15 Datasheet
129Kb / 1P
   128 X 64 Dots Graphic, LED Backlight
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864F ETC1-WG12864F Datasheet
166Kb / 1P
   Graphic 128 x 64 dots
logo
Hantronix,Inc
HDM64GS12L-Y11S HANTRONIX-HDM64GS12L-Y11S Datasheet
66Kb / 2P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WX12864A ETC2-WX12864A Datasheet
287Kb / 1P
   Graphic 128 x 64 dots
logo
Hantronix,Inc
HDM128GS24L-1 HANTRONIX-HDM128GS24L-1_15 Datasheet
50Kb / 1P
   240 X 128 Dots Graphic White LED Backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com