Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-4-646-2M Datasheet(PDF) 2 Page - Lumberg

Part No. RKT-4-646-2M
Description  M12-Round-Plug Connector, Single-Ended Cordsets
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMBERG [Lumberg]
Homepage  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKT-4-646-2M Datasheet(HTML) 2 Page - Lumberg

  RKT-4-646-2M Datasheet HTML 1Page - Lumberg RKT-4-646-2M Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lumberg-automationusa.com
Technical Support:
1-717-217-2289
Data sheet | 08/03/16
Be Certain with Belden
M12-Round-Plug Connector, Single-Ended Cordsets
Technical Data
Environmental
Degree of protection
IP68 / Nema 6P
Operating temperature range
-40°C (-40°F) / +90°C (+194°F)
Mechanical
Housing / Molded body
PUR, translucent gray
Insert
PUR, orange
Contact
CuZn, gold-plated
Coupling nut
CuZn, nickel-plated
O-ring
FKM
Electrical
Current rating
3-5 poles 4A
8 poles 1.5A
Voltage rating
3-4 poles 250V
5-8 poles 30V
Part Number
Pins
Standard Cable Lengths
Characteristics
RKT 4-3-659/…M
3
1M / 2M / 4M / 5M / 6M / 15M / 10M / 20M
RKT 4-646/…M
4
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKT 5-647/…M
5
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKT 8-661/…M
8
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKWT 4-3-659/…M
3
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKWT 4-646/…M
4
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKWT 5-647/…M
5
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
RKWT 8-661/…M
8
1M / 2M / 4M / 5M / 6M / 10M / 15M / 20M
Cable Specifications
Cable No. Outer Jacket Conductor Size
Jacket Color
OD
659
PVC
22 AWG
Gray
.190" (4.82 mm)
646
PVC
22 AWG
Gray
.190" (4.82 mm)
647
PVC
22 AWG
Gray
.212" (5.38 mm)
661
PVC
24 AWG
Gray
.232" (5.89 mm)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn