Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-4-633-2M Datasheet(PDF) 2 Page - Lumberg

Part No. RKT-4-633-2M
Description  M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMBERG [Lumberg]
Homepage  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKT-4-633-2M Datasheet(HTML) 2 Page - Lumberg

  RKT-4-633-2M Datasheet HTML 1Page - Lumberg RKT-4-633-2M Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT | RKWT
Part Number
Pins
Outer Jacket
Standard Cable Lengths
Characteristics
RKT 4-3-731/...M
RKWT 4-3-731/...M
3
TPE/PLTC
2M / 5M / 10M
RKT 4-3-632/...M
RKWT 4-3-632/...M
PVC
2M / 5M / 10M
RKT 4-3-645/...M
RKWT 4-3-645/...M
PUR
2M / 5M / 10M
RKT 4-3-610/...M
RKWT 4-3-610/...M
PUR
2M / 5M / 10M
RKT 4-637/...M
RKWT 4-637/...M
4
TPE/PLTC
2M / 5M / 10M
RKT 4-633/...M
RKWT 4-633/...M
PVC
2M / 5M / 10M
RKT 4-643/...M
RKWT 4-643/...M
TPE/PLTC
2M / 5M / 10M
RKT 4-602/...M
RKWT 4-602/...M
PUR
1M / 2M / 5M / 10M
RKT 4-679/...M
RKWT 4-679/...M
PUR
2M / 5M / 10M
RKT 5-612/...M
RKWT 5-612/...M
5
PVC
2M / 5M / 10M
RKT 5-644/...M
RKWT 5-644/...M
PUR
2M / 5M / 10M
RKT 5-713/...M
RKWT 5-713/...M
TPE/PLTC
2M / 5M / 10M
RKT 5-794/...M
RKWT 5-794/...M
TPE/PLTC
2M / 5M / 10M
RKT 8-627/...M
RKWT 8-627/...M
8
PVC
2M / 5M / 10M
RKT 8-727/...M
RKWT 8-727/...M
TPE/PLTC
2M / 5M / 10M
Technical Data
Environmental
Degree of protection
IP 67 / NEMA 6P
Operating temperature range
PUR: -40°C (-40°F) / +80°C (176°F)
PVC: -40°C (-40°F) / +90°C (194°F)
TPE: -40°C (-40°F) / +90°C (194°F)
Mechanical
Housing / Molded body
PUR, yellow
RKT/RKWT 8-627: PUR, black
Insert
PUR, Yellow
RKT/RKWT 8-627/727: PUR, orange
Contacts
CuSn, gold over nickel-plated
Coupling nut
CuZn, nickel-plated
O-ring
FKM or Viton
Electrical
Current rating
4 A
RKT/RKWT 8-XXX:
1.5A
Voltage rating
250 V
RKT/RKWT 8-XXX:
30 V AC /36 V DC
Cable Specifications
Cable No. Outer Jacket
Gauge
Jacket Color
OD
602
PUR
18AWG
Yellow
.230" (5.8 mm)
Continuous flex rating and suitable for general C-track usage. 1 million cycles at minimum
bend radius 10X cable diameter.
610
PUR
22AWG
Yellow
.190" (4.8 mm)
612
PVC
22AWG
Yellow
.210" (5.3 mm)
627
PVC
24AWG
Black
.232" (5.9 mm)
632
PVC
22AWG
Yellow
.190" (4.8 mm)
633
PVC
22AWG
Yellow
.190" (4.8 mm)
637
TPE/PLTC
18AWG
Yellow
.280" (7.1 mm)
643
TPE/PLTC
22AWG
Yellow
.246" (6.2 mm)
644
PUR
22AWG
Yellow
.210" (5.3 mm)
645
PUR
18AWG
Yellow
.220" (5.6 mm)
679
PUR
22AWG
Yellow
.190" (4.8 mm)
713
TPE/PLTC
22AWG
Yellow
.280" (7.1 mm)
727
TPE/PLTC
22AWG
Yellow
.335" (8.5 mm)
731
TPE/PLTC
18AWG
Yellow
.261" (6.6 mm)
794
TPE/PLTC
18AWG
Yellow
.304" (7.7 mm)
www.lumberg-automationusa.com
Technical Support:
1-717-217-2289
Data sheet | 08/02/16
Be Certain with Belden


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn