Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKMV3-224-2M Datasheet(PDF) 2 Page - Lumberg

Part # RKMV3-224-2M
Description  M8-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61976-2-104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKMV3-224-2M Datasheet(HTML) 2 Page - Lumberg

  RKMV3-224-2M Datasheet HTML 1Page - Lumberg RKMV3-224-2M Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65
www.lumberg-automationusa.com
1-717-217-2299
Be Certain with Belden
Cordsets
Single-Ended
M8-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61976-2-104
RKMV 3 | RKMV 4 | RKMV 8 | RKMWV 3 | RKMWV 4
Technical Data
Environmental
Degree of protection
IP 67 / NEMA 6P
Operating temperature range
-40°C (-40°F) / +90°C (+194°F)
Mechanical
Housing / Molded body
TPU
Insert
PA / TPU
Contact
CuZn, pre-nickeled and
0.8 microns gold-plated
Coupling nut
CuZn, nickel-plated
Electrical data
Contact resistance
≤ 5 mΩ
Nominal current at 40°C
4 A
Nominal voltage
3 poles 60 V
4 poles 30 V
Rated voltage
3 poles 63 V
4 poles 36 V
Test voltage
3 poles 1.5 kV eff. / 60 s
4 poles 0.8 kV eff. / 60 s
Insulation resistance
> 109
Ω
Pollution degree
3
Cable Specifications
Cable No. Outer Jacket
Conductor Size
Jacket Color
OD
06
PVC
3 x 0.34 mm2
Orange
.197” (5.0 mm)
07
PVC
4 x 0.75 mm2
Orange
.197” (5.0 mm)
224
PUR, halogen-free 3 x 0.34 mm2
Black
.169” (4.3 mm)
225
PUR, halogen-free 4 x 0.34 mm2
Black
.185” (4.7 mm)
354
PUR, halogen-free 8 x 0.14 mm2
Black
.197” (5.0 mm)
Part Number
Pins
Outer Jacket
Standard Cable Lengths
Characteristics
RKMV 3-06/...M
RKMWV 3-06/...M
3
PVC
2 M / 5 M / 10 M
RKMV 3-224/...M
RKMWV 3-224/...M
PUR, halogen-free
2 M / 5 M / 10 M
RKMV 4-07/...M
RKMWV 4-07/...M
4
PVC
2 M / 5 M / 10 M
RKMV 4-225/...M
RKMWV 4-225/...M
PUR, halogen-free
2 M / 5 M / 10 M
RKMV 8-354/...M
8
PUR, halogen-free
2 M / 5 M / 10 M


Similar Part No. - RKMV3-224-2M

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKMV3-224-2M LUMBERG-RKMV3-224-2M Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results

Similar Description - RKMV3-224-2M

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKMWV-3-224-5M LUMBERG-RKMWV-3-224-5M Datasheet
1Mb / 2P
   M8-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61976-2-104
RKWT4-633-5M LUMBERG-RKWT4-633-5M Datasheet
2Mb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT-4-633-2M LUMBERG-RKT-4-633-2M Datasheet
2Mb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT5-612-5M LUMBERG-RKT5-612-5M Datasheet
2Mb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT-5-612-2M LUMBERG-RKT-5-612-2M Datasheet
2Mb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
RKT5-647-5M LUMBERG-RKT5-647-5M Datasheet
251Kb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets
RKT4-646-5M LUMBERG-RKT4-646-5M Datasheet
251Kb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets
RKT-4-646-2M LUMBERG-RKT-4-646-2M Datasheet
251Kb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets
RST-4-RKT4-646-2M LUMBERG-RST-4-RKT4-646-2M Datasheet
341Kb / 2P
   M12-Round-Plug Connector, Double-Ended Cordsets,
RST-5-RKT-5-647-1M LUMBERG-RST-5-RKT-5-647-1M Datasheet
341Kb / 2P
   M12-Round-Plug Connector, Double-Ended Cordsets,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com