Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3637NG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3637NG4
Description  Switched Mode Controller for DC Motor Drive
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3637NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UC3637NG4 Datasheet HTML 1Page - Texas Instruments UC3637NG4 Datasheet HTML 2Page - Texas Instruments UC3637NG4 Datasheet HTML 3Page - Texas Instruments UC3637NG4 Datasheet HTML 4Page - Texas Instruments UC3637NG4 Datasheet HTML 5Page - Texas Instruments UC3637NG4 Datasheet HTML 6Page - Texas Instruments UC3637NG4 Datasheet HTML 7Page - Texas Instruments UC3637NG4 Datasheet HTML 8Page - Texas Instruments UC3637NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UC1637
UC2637
UC3637
PACKAGE PIN
FUNCTION
FUNCTION
PIN
+VTH
1
CT
2
-VTH
3
AOUT
4
-VS
5
N/C
6
+VS
7
BOUT
8
+BIN
9
-BIN
10
-AIN
11
+AIN
12
+C/L
13
-C/L
14
SHUTDOWN
15
N/C
16
+E/A
17
-E/A
18
E/A OUTPUT
19
ISET
20
PLCC-20, LCC-20
(TOP VIEW)
Q, L Packages
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1637/UC2637
UC3637
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Oscillator
Initial Accuracy
TJ = 25°C (Note 6)
9.4
10
10.6
9
10
11
kHz
Voltage Stability
VS =
±5V to ±20V, VPIN 1 = 3V,
VPIN 3 = -3V
57
57
%
Temperature Stability
Over Operating Range (Note 3)
0.5
2
0.5
2
%
+VTH Input Bias Current
VPIN 2 = 6V
-10
0.1
10
-10
0.1
10
µA
-VTH Input Bias Current
VPIN 2 = 0V
-10
-0.5
-10
-0.5
µA
+VTH, -VTH Input Range
+VS-2
-VS+2
+VS-2
-VS+2
V
Error Amplifier
Input Offset Voltage
VCM = 0V
1.5
5
1.5
10
mV
Input Bias Current
VCM = 0V
0.5
5
0.5
5
µA
Input Offset Current
VCM = 0V
0.1
1
0.1
1
µA
Common Mode Range
VS =
±2.5 to 20V
-VS+2
+VS
-VS+2
+VS
V
Open Loop Voltage Gain
RL = 10k
75
100
80
100
dB
Slew Rate
15
15
V/
µS
Unity Gain Bandwidth
2
2
MHz
CMRR
Over Common Mode Range
75
100
75
100
dB
PSRR
VS =
±2.5 to ±20V
75
110
75
110
dB
CONNECTION DIAGRAM
Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1637; -25°C to +85°C for the UC2637; and 0°C to +70°C for the UC3637; +VS =
+15V, -VS = - 15V, +VTH = 5V, -VTH = -5V, RT = 16.7k
Ω, CT = 1500pF, TA=TJ.
DIL-18 (TOP VIEW)
J or N Package
SOIC-20 (TOP VIEW)
DW Package
2


Similar Part No. - UC3637NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3637NG4 TI-UC3637NG4 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC3637NG4 TI1-UC3637NG4 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC3637NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
   DC Motor Drive
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
List of Unclassifed Man...
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com