Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ11A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5.0SMDJ11A
Description  TVS Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5.0SMDJ11A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  5.0SMDJ11A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 5.0SMDJ11A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
TA=25℃
by
10x1000μs
waveform
(Fig.2)(Note 1) (Note 2)
PPPM
5000
W
Power Dissipation on infinite heat sink at
TA=50℃
PD
6.5
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
only(Note 3)
IFSM
300
A
Maximum
Instantaneous
Forward
Voltage at 100A for Unidirectional only
VF
3.5V/5.0
V
Operating
Junction
and
Storage
Temperature Range
TJ, TSTG
-55 to +
150
Typical Thermal Resistance Junction to
Lead
RuJL
15
/W
Typical Thermal Resistance Junction to
Ambient
RuJA
75
/W
Notes:
1. Non-repetitive current pulse, per Fig.3and derated above TA=25℃ per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only, duty cycle=4 per minute maximum.
Maximum Ratings and Electrical Characteristics
Rev : 01.06.2014
/8
2
www.leiditech.com


Similar Part No. - 5.0SMDJ11A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ11A MDE-5.0SMDJ11A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
MERITEK ELECTRONICS COR...
5.0SMDJ11A MERITEK-5.0SMDJ11A Datasheet
322Kb / 4P
   Transient Voltage Suppressors
logo
Anova Technologies CO.,...
5.0SMDJ11A ANOVA-5.0SMDJ11A Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
   For surface mounted applications in order to optimize board space
More results

Similar Description - 5.0SMDJ11A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
   SURFACE MOUNT TVS
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com