Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R075B-8 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R075B-8
Description  Gas Discharge Tube Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R075B-8 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R075B-8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075B-8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075B-8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075B-8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075B-8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min) )
150°C
- Temperature Max (T
s(max) )
200°C
- Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to T P
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
280
° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
All data is subject to change,Please check our data sheets at
for updates.
GDT 0
3


Similar Part No. - 2R075B-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R075B-8 LEIDITECH-2R075B-8 Datasheet
520Kb / 5P
   Gas Discharge Tube Diodes
logo
Ruilongyuan Electronics...
2R075B-8S RUILON-2R075B-8S Datasheet
716Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075B-8S SUNMATE-2R075B-8S Datasheet
640Kb / 3P
   GAS DISCHARGE TUBES
More results

Similar Description - 2R075B-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
3R070A-6 LEIDITECH-3R070A-6 Datasheet
559Kb / 5P
   Gas Discharge Tube DIodes
3R070B-6 LEIDITECH-3R070B-6 Datasheet
559Kb / 5P
   Gas Discharge Tube DIodes
2R075-8L LEIDITECH-2R075-8L Datasheet
1Mb / 4P
   Gas Discharge Tube Diodes
2R075 LEIDITECH-2R075 Datasheet
520Kb / 5P
   Gas Discharge Tube Diodes
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com