Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R075-6 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R075-6
Description  Gas Discharge Tube
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R075-6 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R075-6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075-6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075-6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075-6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075-6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GDT 04
Part Number Code
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Dimensions
How to Order
2055 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging
RP = Reelpack
RoHS Compliancy
LF = RoHS Compliant Product
Recommended Pad Layout
DIMENSIONS: MILLIMETERS
Packaging Specifi cations
The Model 2055-xx-SM ships standard reelpack (-RP),
800 pieces per reel, 2,400 pieces per box. Reel is 330 mm in
diameter and 16 mm wide.
4.2 ± 0.2
0.8 ± 0.1
6.2 ± 0.2
6.2 ± 0.2
6.0 ± 0.2
DIA.
3.5
1.3
5.0
4.0 ± 0.1
1.55 ± 0.05
DIA.
6.4 ± 0.1
0.4 ± 0.05
12.0 ± 0.1
16.0 ± 0.3
1.75 ± 0.1
7.5 ± 0.1
REV. G 04/11
Packaging Specifi cations
How to Order
2
R
3
5
0
S
A
-
6
Series
DC Line
Voltage
Lead Type
S=SMD
Dimensions
Electrical
Characteristics
A=5000A
All data is subject to change,Please check our data sheets at www.leiditech.com for updates.


Similar Part No. - 2R075-6

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R075-4S RUILON-2R075-4S Datasheet
667Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
logo
Shanghai Leiditech Elec...
2R075-4S LEIDITECH-2R075-4S Datasheet
1Mb / 3P
   Excellent SMD handing
2R075-5L LEIDITECH-2R075-5L Datasheet
1Mb / 4P
   GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
logo
Ruilongyuan Electronics...
2R075-5S RUILON-2R075-5S Datasheet
674Kb / 6P
   Gas Discharge Tubes
More results

Similar Description - 2R075-6

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
logo
StarHope
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com