Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS715A01DRBT-NM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A01DRBT-NM
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRBT-NM Datasheet(HTML) 2 Page - Texas Instruments

  TPS715A01DRBT-NM Datasheet HTML 1Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 2Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 3Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 4Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 5Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 6Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 7Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 8Page - Texas Instruments TPS715A01DRBT-NM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
TPS715A-NM
SBVS340 – JUNE 2017
www.ti.com
Product Folder Links: TPS715A-NM
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Pin Configuration and Functions ......................... 3
5
Specifications......................................................... 3
5.1
Absolute Maximum Ratings ...................................... 3
5.2
ESD Ratings.............................................................. 3
5.3
Recommended Operating Conditions ....................... 3
5.4
Thermal Information .................................................. 4
5.5
Electrical Characteristics........................................... 4
5.6
Typical Characteristics .............................................. 5
6
Detailed Description .............................................. 8
6.1
Overview ................................................................... 8
6.2
Functional Block Diagrams ....................................... 8
6.3
Feature Description................................................... 9
6.4
Device Functional Modes.......................................... 9
7
Application and Implementation ........................ 10
7.1
Application Information............................................ 10
7.2
Typical Applications ................................................ 10
7.3
Do's and Don'ts ....................................................... 12
8
Power Supply Recommendations ...................... 12
9
Layout ................................................................... 13
9.1
Layout Guidelines ................................................... 13
9.2
Layout Example ...................................................... 13
9.3
Power Dissipation ................................................... 13
10
Device and Documentation Support ................. 14
10.1
Device Support...................................................... 14
10.2
Documentation Support ....................................... 14
10.3
Community Resources.......................................... 14
10.4
Trademarks ........................................................... 14
10.5
Electrostatic Discharge Caution ............................ 15
10.6
Glossary ................................................................ 15
11
Mechanical, Packaging, and Orderable
Information ........................................................... 15


Similar Part No. - TPS715A01DRBT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01DRBT-NM TI1-TPS715A01DRBT-NM Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRBT-NM TI1-TPS715A01DRBT-NM Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
More results

Similar Description - TPS715A01DRBT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A TI1-TPS715A_16 Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com