Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E02B04QDQARQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E02B04QDQARQ1
Description  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04QDQARQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD4E02B04QDQARQ1 Datasheet HTML 6Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 7Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 8Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 9Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 10Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 11Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 12Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 13Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IO4
GND
IO3
IO2
IO1
10
TPD4E02B04-Q1
SLVSDZ2 – JUNE 2017
www.ti.com
Product Folder Links: TPD4E02B04-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD4E02B04-Q1 is an automotive-qualified bidirectional ESD Protection Diode with ultra-low capacitance.
This device can dissipate ESD strikes above the maximum level specified by the IEC 61000-4-2 (Level 4)
International Standard. The ultra-low capacitance makes this device ideal for protecting any super high-speed
signal pins.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 AEC-Q101 Qualified
This device is qualified to AEC-Q101 standards and is qualified to operate from –40°C to +125°C.
7.3.2 ISO 10605 ESD Protection
The I/O pins can withstand ESD events of at least ±8-kV contact and ±15-kV air gap according to the ISO 10605
(330 pF, 330 Ω) standard. The device diverts the current to ground.
7.3.3 IEC 61000-4-2 ESD Protection
The I/O pins can withstand ESD events up to ±12-kV contact and ±15-kV air gap. An ESD-surge clamp diverts
the current to ground.
7.3.4 IEC 61000-4-4 EFT Protection
The I/O pins can withstand an electrical fast transient burst of up to 80 A (5/50 ns waveform, 4 kV with 50-
impedance). An ESD-surge clamp diverts the current to ground.
7.3.5 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2 A and 17 W (8/20 µs waveform). An ESD-surge clamp diverts
this current to ground.
7.3.6 IO Capacitance
The capacitance between each I/O pin to ground is 0.25 pF (typical). This device supports data rates up to 10
Gbps.
7.3.7 DC Breakdown Voltage
The DC breakdown voltage of each I/O pin is a minimum of ±5.5 V. This ensures that sensitive equipment is
protected from surges above the reverse standoff voltage of ±3.6 V.
7.3.8 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 10 nA (maximum) with a bias of ±2.5 V.


Similar Part No. - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR TI1-TPD4E02B04DQAR Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Similar Description - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com