Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E02B04QDQARQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E02B04QDQARQ1
Description  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04QDQARQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD4E02B04QDQARQ1 Datasheet HTML 2Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 3Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 4Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 5Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 6Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 7Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 8Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 9Page - Texas Instruments TPD4E02B04QDQARQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Time (ns)
-25
0
25
50
75
100
125
150
175
200
225
-160
-140
-120
-100
-80
-60
-40
-20
0
20
D001
Bias Voltage (V)
-3.6
-3
-2.4 -1.8 -1.2 -0.6
0
0.6 1.2 1.8 2.4
3
3.6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D001
Time (Ps)
-5
0
5
10
15
20
25
30
35
40
45
0
0
0.5
4
1
8
1.5
12
2
16
2.5
20
3
24
D001
Current
Power
Time (ns)
-25
0
25
50
75
100
125
150
175
200
225
-20
0
20
40
60
80
100
120
140
160
D001
0
5
10
15
20
25
30
0
3
6
9
12
15
18
21
24
Voltage (V)
C001
0
5
10
15
20
25
30
0
3
6
9
12
15
18
21
24
Voltage (V)
C002
6
TPD4E02B04-Q1
SLVSDZ2 – JUNE 2017
www.ti.com
Product Folder Links: TPD4E02B04-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Positive TLP Curve
Figure 2. Negative TLP Curve
Figure 3. Surge Curve (tp = 8/20 µs), any IO pin to GND
Figure 4. 8-kV IEC Waveform
Figure 5. –8-kV IEC Waveform
Figure 6. Capacitance vs Bias Voltage


Similar Part No. - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR TI1-TPD4E02B04DQAR Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Similar Description - TPD4E02B04QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com