Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP303BDRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP303BDRLR
Description  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303BDRLR Datasheet(HTML) 1 Page - Texas Instruments

  TMP303BDRLR Datasheet HTML 1Page - Texas Instruments TMP303BDRLR Datasheet HTML 2Page - Texas Instruments TMP303BDRLR Datasheet HTML 3Page - Texas Instruments TMP303BDRLR Datasheet HTML 4Page - Texas Instruments TMP303BDRLR Datasheet HTML 5Page - Texas Instruments TMP303BDRLR Datasheet HTML 6Page - Texas Instruments TMP303BDRLR Datasheet HTML 7Page - Texas Instruments TMP303BDRLR Datasheet HTML 8Page - Texas Instruments TMP303BDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Temperature Accuracy (qC)
0
5
10
15
20
25
30
35
40
D003
100kW
OUT
HYST
SET1
HYST
SET0
1.4V to 3.6V
V
S
GND
SOH
Temperature
Sensor
Hysteresis
Logic
Trip Point
Logic
DS
ADC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP303
SBOS486G – JULY 2009 – REVISED JULY 2017
TMP303 Easy-To-Use, Low-Power, 1°C, Low-Supply
Temperature Range Monitor In Micropackage
1
1 Features
1
Low Power: 5 μA (Maximum)
SOT-563 Package: 1.60 × 1.60 × 0.6 mm
Trip Point Accuracy:
±0.2°C (Typical) from –40°C to 125°C
Push-Pull Output
Selectable Hysteresis: 1/2/5/10°C
Supply Voltage Range: 1.4 V to 3.6 V
2 Applications
Battery Charging
Battery Thermal Protection
Consumer Electronics
Enterprise
Telecom
3 Description
The TMP303 devices are temperature range monitors
that offer design flexibility through an extra small
footprint (SOT-563), low power (5 μA maximum) and
low supply voltage capability (as low as 1.4 V).
These devices require no additional components for
operation;
each
can
function
independent
of
microprocessors or microcontrollers.
There are seven trip points available see Device
Options. Trip points can be programmed at the
factory to any desired temperature. For applications
that require different values, contact your local TI
representative.
The OUT pin is a push-pull, active-high output. When
the measured temperature is beyond the trip point
range, and the Set Output High (SOH) pin is low, the
OUT pin is high. The SOH pin is an input pin with an
internal pulldown resistor. When the SOH pin is
forced high, the OUT pin goes high regardless of the
measured temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP303
SOT-563 (6)
1.60 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TMP303 Functional Block Diagram
Typical Trip Threshold Accuracy at -20°C to 125°C


Similar Part No. - TMP303BDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303BDRLR TI1-TMP303BDRLR Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303BDRLR TI1-TMP303BDRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
More results

Similar Description - TMP303BDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com