Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2652ACN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2652ACN
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652ACN Datasheet(HTML) 1 Page - Texas Instruments

  TLC2652ACN Datasheet HTML 1Page - Texas Instruments TLC2652ACN Datasheet HTML 2Page - Texas Instruments TLC2652ACN Datasheet HTML 3Page - Texas Instruments TLC2652ACN Datasheet HTML 4Page - Texas Instruments TLC2652ACN Datasheet HTML 5Page - Texas Instruments TLC2652ACN Datasheet HTML 6Page - Texas Instruments TLC2652ACN Datasheet HTML 7Page - Texas Instruments TLC2652ACN Datasheet HTML 8Page - Texas Instruments TLC2652ACN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Extremely Low Offset Voltage ...1 µV Max
D Extremely Low Change on Offset Voltage
With Temperature . . . 0.003
µV/°C Typ
D Low Input Offset Current
500 pA Max at TA = − 55°C to 125°C
D AVD . . . 135 dB Min
D CMRR . . . 120 dB Min
D kSVR ...110 dB Min
D Single-Supply Operation
D Common-Mode Input Voltage Range
Includes the Negative Rail
D No Noise Degradation With External
Capacitors Connected to VDD−
description
The TLC2652 and TLC2652A are high-precision
chopper-stabilized operational amplifiers using
Texas Instruments Advanced LinCMOS
 pro-
cess. This process, in conjunction with unique
chopper-stabilization circuitry, produces opera-
tional amplifiers whose performance matches or
exceeds that of similar devices available today.
Chopper-stabilization techniques make possible
extremely high dc precision by continuously
nulling input offset voltage even during variations
in temperature, time, common-mode voltage, and
power supply voltage. In addition, low-frequency
noise voltage is significantly reduced. This high
precision, coupled with the extremely high input
impedance of the CMOS input stage, makes the
TLC2652 and TLC2652A an ideal choice for
low-level signal processing applications such as
strain
gauges,
thermocouples,
and
other
transducer
amplifiers.
For
applications
that
require extremely low noise and higher usable
bandwidth, use the TLC2654 or TLC2654A
device, which has a chopping frequency of
10 kHz.
The TLC2652 and TLC2652A input common-mode range includes the negative rail, thereby providing superior
performance in either single-supply or split-supply applications, even at power supply voltage levels as low as
±1.9 V.
Two external capacitors are required for operation of the device; however, the on-chip chopper-control circuitry
is transparent to the user. On devices in the 14-pin and 20-pin packages, the control circuitry is made accessible
to allow the user the option of controlling the clock frequency with an external frequency source. In addition, the
clock threshold level of the TLC2652 and TLC2652A requires no level shifting when used in the single-supply
configuration with a normal CMOS or TTL clock input.
Copyright
 1988−2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Advanced LinCMOS is a trademark of Texas Instruments.
1
2
3
4
8
7
6
5
CXB
VDD+
OUT
CLAMP
D008, JG, OR P PACKAGE
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INT/EXT
CLK IN
CLK OUT
VDD+
OUT
CLAMP
C RETURN
D014, J, OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CLK OUT
NC
VDD+
NC
OUT
FK PACKAGE
(TOP VIEW)
(TOP VIEW)
NC
NC
IN −
NC
IN +
CXB
CXA
NC
IN −
IN +
NC
VDD−
CXA
IN −
IN +
VDD−
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLC2652ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652ACN TI-TLC2652ACN Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACN TI-TLC2652ACN Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACN TI1-TLC2652ACN Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACNE4 TI-TLC2652ACNE4 Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com