Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS5551T Datasheet(PDF) 1 Page - International Rectifier

Part # IPS5551T
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5551T Datasheet(HTML) 1 Page - International Rectifier

  IPS5551T Datasheet HTML 1Page - International Rectifier IPS5551T Datasheet HTML 2Page - International Rectifier IPS5551T Datasheet HTML 3Page - International Rectifier IPS5551T Datasheet HTML 4Page - International Rectifier IPS5551T Datasheet HTML 5Page - International Rectifier IPS5551T Datasheet HTML 6Page - International Rectifier IPS5551T Datasheet HTML 7Page - International Rectifier IPS5551T Datasheet HTML 8Page - International Rectifier IPS5551T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Over temperature shutdown
Over current shutdown
Active clamp
Input referenced to + Vcc
E.S.D protection
Input referenced to Vcc
IPS5551T
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
Description
The IPS5551T is a fully protected three terminal high side
switch with built-in short-circuit, over-temperature, ESD
protection, inductive load capability. The input signal is
referenced to Vcc. When the input voltage Vcc - Vin is
higher than the specified threshold, the output power
MOSFET is turned on. When the Vcc - Vin is lower than the
specified Vil threshold, the output MOSFET is turned off.
Input noise immunity is improved by an hysterisis. When
the input is left floating, an internal current source pulls it up
to Vcc. The over-current protection latches off the high side
switch if the output current exceeds the specified Isd. The
over-temperature protection latches off the switch if the
junction temperature exceeds the specified value Tsd. The
device is reset by opening the input pin high.
Package
Product Summary
Rds(on)
6.0m
Ω (max)
V clamp
40V
Ishutdown
100A
Vcc (op.)
5.5 - 18V
Typical Connection
Load
Input
signal
control
Logic
Vcc
Out
In
+ VCC
Op. Conditions
Normal
Normal
Over current
Over current
Over-temperature
Over-temperature
In
L
H
L
H
L
H
Out
H
L
L (latched)
L
L (latched)
L
Truth Table
(3)
Data Sheet No. PD60168-D
(3) In is referenced to Vcc.
In = L means (Vcc -Vin) >Vih
In = H means (Vcc - Vin) <Vil
SUPER TO220
www.irf.com
1
(Refer to lead assignment for correct pin configuration)


Similar Part No. - IPS5551T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS50R520CP INFINEON-IPS50R520CP Datasheet
611Kb / 10P
   CoolMOS Power Transistor
2008-04-15 revision:2.1
logo
International Rectifier
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511S IRF-IPS511S Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results

Similar Description - IPS5551T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5451 IRF-IPS5451 Datasheet
196Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521G IRF-IPS521G Datasheet
137Kb / 9P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521 IRF-IPS521 Datasheet
188Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com