Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMR23630FDRRR Datasheet(PDF) 5 Page - Texas Instruments

Part # PLMR23630FDRRR
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMR23630FDRRR Datasheet(HTML) 5 Page - Texas Instruments

  PLMR23630FDRRR Datasheet HTML 1Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 2Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 3Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 4Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 5Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 6Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 7Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 8Page - Texas Instruments PLMR23630FDRRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
LMR23630
www.ti.com
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
In shutdown mode, the VCC to AGND maximum value is 5.25 V.
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to +125°C (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input voltages
VIN to PGND
–0.3
42
V
EN/SYNC to AGND
–5.5
VIN+ 0.3
FB to AGND
–0.3
4.5
RT to AGND
–0.3
4.5
PGOOD to AGND
–0.3
15
AGND to PGND
–0.3
0.3
Output voltages
SW to PGND
–1
VIN + 0.3
V
SW to PGND less than 10 ns transients
–5
42
BOOT to SW
–0.3
5.5
VCC to AGND
–0.3
4.5(2)
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) for HSOIC and WSON package
(1)
±2500
V
Charged-device model (CDM) for HSOIC and WSON RT(2)
±1000
Charged-device model (CDM) for WSON PGOOD (2)
±750
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For
ensured specifications, see Electrical Characteristics.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to +125°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN (HSOIC)
4.5
36
V
VIN (WSON)
4
36
EN/SYNC
–5
36
FB
–0.3
1.2
PGOOD
–0.3
12
Input current
PGOOD pin current
0
1
mA
Output voltage
VOUT
1
28
V
Output current
IOUT
0
2.5
A
Temperature
Operating junction temperature, TJ
–40
125
°C


Similar Part No. - PLMR23630FDRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLMR23615DRRR TI1-PLMR23615DRRR Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
PLMR23625CFPDRRR TI1-PLMR23625CFPDRRR Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - PLMR23630FDRRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com