Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK62A2-200M00SIAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK62A2-200M00SIAT
Description  High-Performance Low Jitter Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62A2-200M00SIAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK62A2-200M00SIAT Datasheet HTML 5Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 6Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 7Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 8Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 9Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 10Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 11Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 12Page - Texas Instruments LMK62A2-200M00SIAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M
www.ti.com
SNAS691B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LMK62E2-156M LMK62E0-156M LMK62A2-100M LMK62A2-150M LMK62A2-156M LMK62A2-
200M LMK62A2-266M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Power Supply Recommendations
For best electrical performance of LMK62XX, TI recommends using a combination of 10 µF, 1 µF, and 0.1 µF on
the power-supply bypass network of the device. TI also recommends using component side mounting of the
power-supply bypass capacitors and it is best to use 0201 or 0402 body size capacitors to facilitate signal
routing. Keep the connections between the bypass capacitors and the power supply on the device as short as
possible. Ground the other side of the capacitor using a low impedance connection to the ground plane. Figure 9
shows the layout recommendation for power supply decoupling of LMK62XX.
9 Layout
9.1 Layout Guidelines
The following sections provides recommendations for board layout, solder reflow profile and power supply
bypassing when using LMK62XX to ensure good thermal / electrical performance and overall signal integrity of
entire system.
9.1.1 Ensuring Thermal Reliability
The LMK62XX is a high-performance device. Therefore, pay careful attention to the device configuration and
printed-circuit board (PCB) layout with respect to power consumption. The ground pin must be connected to the
ground plane of the PCB through three vias or more, as shown in Figure 9, to maximize thermal dissipation out
of the package.
Equation 1 shows the relationship between the PCB temperature around the LMK62XX and the junction
temperature.
TB = TJ – ΨJB × P
where
TB: PCB temperature around the LMK62XX
TJ: Junction temperature of LMK62XX
ΨJB: Junction-to-board thermal resistance parameter of LMK62XX (64.1°C/W without airflow)
P: On-chip power dissipation of LMK62XX
(1)
To ensure that the maximum junction temperature of LMK62XX is below 105°C, it can be calculated that the
maximum PCB temperature without airflow should be at 81°C or below when the device is optimized for best
performance, resulting in maximum on-chip power dissipation of 0.36 W.
9.1.2 Best Practices for Signal Integrity
For best electrical performance and signal integrity of entire system with LMK62XX, TI recommends routing vias
into decoupling capacitors and then into the LMK62XX. TI also recommends increasing the via count and width
of the traces wherever possible. These steps ensure lowest impedance and shortest path for high frequency
current flow. Figure 9 shows the layout recommendation for LMK62XX.


Similar Part No. - LMK62A2-200M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK62A2-200M00SIAT TI1-LMK62A2-200M00SIAT Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK62A2-200M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com