Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIOS101-3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TIOS101-3
Description  Digital Sensor Output Drivers with Integrated Surge Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101-3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TIOS101-3 Datasheet HTML 2Page - Texas Instruments TIOS101-3 Datasheet HTML 3Page - Texas Instruments TIOS101-3 Datasheet HTML 4Page - Texas Instruments TIOS101-3 Datasheet HTML 5Page - Texas Instruments TIOS101-3 Datasheet HTML 6Page - Texas Instruments TIOS101-3 Datasheet HTML 7Page - Texas Instruments TIOS101-3 Datasheet HTML 8Page - Texas Instruments TIOS101-3 Datasheet HTML 9Page - Texas Instruments TIOS101-3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TIOS101
SLLSEV6 – JULY 2017
www.ti.com
Product Folder Links: TIOS101
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IREV
Leakage current in reverse
polarity
V(OUT) < V(VCC) or V(OUT > V(VCC), up to
|36 V|
50
µA
V(OUT) < V(VCC) or V(VCC) > V(VCC), up to
|55 V|
80
µA
EN = HIGH, IN = LOW; V(OUT to VCC) = 3 V
550
µA
EN = HIGH, IN = HIGH; V(OUT to GND) = -3 V
10
µA
LINEAR REGULATOR (LDO)
V(VCC_OUT) Voltage regulator output
TIOS101-5
4.75
5
5.25
V
TIOS101-3
3.13
3.3
3.46
V
V(DROP)
Voltage regulator drop-out voltage
(V(VCC) – V(VCC_OUT))
ICC = 20 mA load current
TIOS101-5
1.9
V
TIOS101-3
2.3
V
REG
Line regulation
(dV(VCC_OUT)/dV(VCC)
I(VCC_OUT) = 1 mA
1.7
mV/V
LREG
Load regulation
(dV(VCC_OUT)/V(VCC_OUT))
V(VCC) = 24 V, I(VCC_OUT) = 100 µA to 20 mA
1%
PSSR
Power Supply Rejection Ratio
100 kHz, I(VCC_OUT) = 20 mA
40
dB
(1)
OUT output remains Hi-Z for this time
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Driver propagation delay
See Figure 5
See Figure 6
See Figure 7
RL = 2 kΩ
CL = 5 nF
R(SET) = 0 Ω
600
800
ns
tP(skew)
Driver propagation delay skew. |tPLH -
tPHL|
100
ns
tPZH, tPZL
Driver enable delay
4
µs
tPHZ, tPLZ
Driver disable delay
4
µs
tr, tf
Driver output rise, fall time
150
ns
|tr – tf|
Difference in rise and fall time
50
ns
tSC
Current fault blanking time
175
200
µs
tpSC
Current fault indication delay
260
µs
tSCEN
Current fault driver re-enable wait time
15
ms
t(UVLO)
OUT re-enable delay after UVLO (1)
V(UVLO) rising threshold crossing
time to OUT enable time
10
30
50
ms


Similar Part No. - TIOS101-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS101 TI1-TIOS101 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013 TI1-TIOS1013 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013DMWR TI1-TIOS1013DMWR Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1013DMWT TI1-TIOS1013DMWT Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS1015 TI1-TIOS1015 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
More results

Similar Description - TIOS101-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS101 TI1-TIOS101_19 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
TIOS102 TI-TIOS102_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED JUNE 2023
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC Datasheet
423Kb / 2P
   Digital Sensor Output Drivers
logo
Agilent(Hewlett-Packard...
HDCS1000 HP-HDCS1000 Datasheet
25Kb / 2P
   Integrated CMOS Image Sensor with Digital Output and Timing Controller
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com