Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIOL111-3 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIOL111-3
Description  IO-Link Device Transceivers with Integrated Surge Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOL111-3 Datasheet(HTML) 4 Page - Texas Instruments

  TIOL111-3 Datasheet HTML 1Page - Texas Instruments TIOL111-3 Datasheet HTML 2Page - Texas Instruments TIOL111-3 Datasheet HTML 3Page - Texas Instruments TIOL111-3 Datasheet HTML 4Page - Texas Instruments TIOL111-3 Datasheet HTML 5Page - Texas Instruments TIOL111-3 Datasheet HTML 6Page - Texas Instruments TIOL111-3 Datasheet HTML 7Page - Texas Instruments TIOL111-3 Datasheet HTML 8Page - Texas Instruments TIOL111-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TIOL111
SLLSEV5 – JULY 2017
www.ti.com
Product Folder Links: TIOL111
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are
with reference to the L- pin, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
Steady state voltage for L+ and CQ
–55
55
V
Transient pulse width < 100 µs for L+ and CQ
–65
65
V
Voltage difference
|V(L+) – V(CQ)|
55
V
Logic supply voltage (TIOL111)
VCC_IN
–0.3
6
V
Input logic voltage
TX, EN, ILIM_ADJ
–0.3
6
V
Output current
RX, WAKE, NFAULT
–5
5
mA
Storage temperature, Tstg
-55
170
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Minimum 100-nF capacitor is required between L+ and L-. Minimum 1-µF capacitor is required between VCC_IN/OUT and L-.
(3)
Passing level is ±4500 V if the device is powered and EN=TX=HIGH.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±4000
V
Contact discharge, per IEC 61000-4-2(2)(3)
Pins L+, CQ and
L-
±16000
Electrical fast transient, per IEC 61000-4-4 (2)
±4000
Surge protection with 500
Ω, per IEC 61000-4-5;
1.2/50 μs (2)
±1200
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(L+)
Supply voltage
7
24
36
V
V(VCC_IN)
Logic level input voltage (TIOL111 only)
3.3 V configuration
3
3.3
3.6
V
5 V configuration
4.5
5
5.5
V
RSET
External resistor for CQ current limit
0
100
1/tBIT
Data rate (Communication mode)
250
kbps
I(VCC_OUT)
LDO output current (TIOL111-3 and TIOL111-5 only)
20
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Junction temperature
150
°C


Similar Part No. - TIOL111-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL1113 TI1-TIOL1113 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL1113DMWR TI1-TIOL1113DMWR Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL1113DMWT TI1-TIOL1113DMWT Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL1115 TI1-TIOL1115 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
More results

Similar Description - TIOL111-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
   IO-Link Transceiver with Integrated Protection
2021
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
   IO-Link Device IC with integrated Frame Handler
logo
Renesas Technology Corp
CCE4502 RENESAS-CCE4502 Datasheet
1Mb / 47P
   CCE4502 IO-Link Device IC with Integrated Frame Handler
Mar 8, 2023
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com