Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5910-1.2YKAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910-1.2YKAR
Description  300-mA Low-Noise, Low-IQ LDO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910-1.2YKAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5910-1.2YKAR Datasheet HTML 6Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 7Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 8Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 9Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 10Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 11Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 12Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 13Page - Texas Instruments LP5910-1.2YKAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Time (µs)
-20
-10
0
10
20
30
40
50
60
70
80
0
-12
20
-8
40
-4
60
0
80
4
100
8
120
12
D023
IOUT
'VOUT
Time (Ps)
0
50
100
150
200
250
300
350
400
450
500
0.0
-12
0.5
-8
1.0
-4
1.5
0
2.0
4
2.5
8
3.0
12
D024
VIN (V)
'VOUT (mV)
Time (µs)
-25
0
25
50
75
100
125
150
0
0
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
D021
VIN
VOUT
Time (µs)
-20
-10
0
10
20
30
40
50
60
70
80
0
-12
20
-8
40
-4
60
0
80
4
100
8
120
12
D022
IOUT
'VOUT
IOUT (mA)
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
200
225
250
D019
VIN = 3.3 V
VIN = 2.8 V
IOUT (mA)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
D020
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.3 V
10
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C.
VOUT = 2.3 V
Figure 19. IGND vs IOUT
Figure 20. Dropout Voltage vs IOUT
VEN = VIN
VOUT = 1.8 V
COUT = 1 µF
Figure 21. Turnon Time
VIN = 2.3 V
VOUT = 1.8 V
COUT = 1 µF
IOUT = 1 mA to 100 mA
tRISE = 10 µs
Figure 22. Load Transient Response
VIN = 2.3 V
VOUT = 1.8 V
COUT = 1 µF
IOUT = 100 mA to 1 mA
tFALL = 10 µs
Figure 23. Load Transient Response
ΔVIN = 0.5 V
VOUT = 1.8 V
COUT = 1 µF
tRISE = tFALL = 30 µs
IOUT = 1 mA
Figure 24. Line Transient Response


Similar Part No. - LP5910-1.2YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 29P
[Old version datasheet]   LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI1-LP5910-1.2YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.2YKAR TI-LP5910-1.2YKAR Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910-1.2YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V14 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI-TPS7A20_V05 Datasheet
910Kb / 31P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com