Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA189ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189ID
Description  Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA189ID Datasheet(HTML) 4 Page - Texas Instruments

  OPA189ID Datasheet HTML 1Page - Texas Instruments OPA189ID Datasheet HTML 2Page - Texas Instruments OPA189ID Datasheet HTML 3Page - Texas Instruments OPA189ID Datasheet HTML 4Page - Texas Instruments OPA189ID Datasheet HTML 5Page - Texas Instruments OPA189ID Datasheet HTML 6Page - Texas Instruments OPA189ID Datasheet HTML 7Page - Texas Instruments OPA189ID Datasheet HTML 8Page - Texas Instruments OPA189ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1
OUT
2
3
+IN
4
±IN
5
V+
Not to scale
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
5
NC
Not to scale
4
OPA189, OPA2189, OPA4189
SBOS830 – JUNE 2017
www.ti.com
Product Folder Links: OPA189 OPA2189 OPA4189
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
OPA189 D and DGK Packages
8-Pin SOIC, 8-Pin VSSOP
Top View
OPA189 DBV Package
5-Pin SOT-23
Top View
NC - No internal connection.
Pin Functions: OPA189
PIN
I/O
DESCRIPTION
NAME
OPA189
D (SOIC)
DGK (VSSOP)
DBV (SOT-23)
–IN
2
4
I
Inverting input
+IN
3
3
I
Noninverting input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
6
1
O
Output
V–
4
2
Negative (lowest) power supply
V+
7
5
Positive (highest) power supply


Similar Part No. - OPA189ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189ID TI1-OPA189ID Datasheet
765Kb / 36P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189ID TI1-OPA189ID Datasheet
2Mb / 44P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189ID TI1-OPA189ID Datasheet
3Mb / 48P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189ID TI1-OPA189ID Datasheet
3Mb / 48P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189ID TI-OPA189ID Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA189ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189 TI1-OPA189_17 Datasheet
765Kb / 36P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
[Old version datasheet]   Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V04 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OCTOBER 2021
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com