Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6644MDC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6644MDC
Description  Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6644MDC Datasheet(HTML) 1 Page - Texas Instruments

  LMH6644MDC Datasheet HTML 1Page - Texas Instruments LMH6644MDC Datasheet HTML 2Page - Texas Instruments LMH6644MDC Datasheet HTML 3Page - Texas Instruments LMH6644MDC Datasheet HTML 4Page - Texas Instruments LMH6644MDC Datasheet HTML 5Page - Texas Instruments LMH6644MDC Datasheet HTML 6Page - Texas Instruments LMH6644MDC Datasheet HTML 7Page - Texas Instruments LMH6644MDC Datasheet HTML 8Page - Texas Instruments LMH6644MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
VO = 0.2VPP
AV = +2
RF = RL = 2k
±5
±2.5V
±1.5V
6.0
8.0
0.0
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH6644-MIL
SNOSD65 – JUNE 2017
LMH6644-MIL Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
1
1 Features
1
(VS = ±5 V, TA = 25°C, RL = 2 kΩ, AV = +1.
Typical Values Unless Specified).
–3 dB BW (AV = +1) 130 MHz
Supply Voltage Range 2.7 V to 12.8 V
Slew Rate, (AV = –1) 130 V/µs
(1)
Supply Current (no load) 2.7 mA/amp
Output Short Circuit Current +115 mA to 145 mA
Linear Output Current ±75 mA
Input Common Mode Voltage 0.5 V Beyond V, 1
V from V+
Output Voltage Swing 40 mV from Rails
Input Voltage Noise (100 kHz) 17 nV/
√Hz
Input Current Noise (100 kHz) 0.9 pA/
√Hz
THD (5 MHz, RL = 2 kΩ, VO = 2 VPP, AV = +2) –62
dBc
Settling Time 68 ns
Fully Characterized for 3 V, 5 V, and ±5 V
Overdrive Recovery 100 ns
Output Short Circuit Protected(2)
No Output Phase Reversal with CMVR Exceeded
(1) Slew rate is the average of the rising and falling slew rates.
(2) Output short circuit duration is infinite for V
S < 6 V at room
temperature and below. For VS > 6 V, allowable short circuit
duration is 1.5 ms.
2 Applications
Active Filters
CD/DVD ROM
ADC Buffer Amp
Portable Video
Current Sense Buffer
3 Description
The
LMH6644-MIL
true
single
supply
voltage
feedback amplifier offers high speed (130 MHz), low
distortion (–62 dBc), and exceptionally high-output
current (approximately 75 mA) at low cost and with
reduced power consumption when compared against
existing devices with similar performance.
Input common mode voltage range extends to 0.5 V
below Vand 1 V from V+. Output voltage range
extends to within 40 mV of either supply rail, allowing
wide dynamic range especially desirable in low-
voltage applications. The output stage is capable of
approximately 75 mA in order to drive heavy loads.
Fast output slew rate (130 V/µs) ensures large peak-
to-peak output swings can be maintained even at
higher speeds, resulting in exceptional full power
bandwidth of 40 MHz with a 3-V supply. These
characteristics, along with low cost, are ideal features
for
a
multitude
of
industrial
and
commercial
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH6644-MIL
SOIC (14)
8.64 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Closed Loop Gain vs Frequency
for Various Supplies


Similar Part No. - LMH6644MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6644MDC TI1-LMH6644MDC Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com