Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6644-MIL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6644-MIL
Description  Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6644-MIL Datasheet(HTML) 4 Page - Texas Instruments

  LMH6644-MIL Datasheet HTML 1Page - Texas Instruments LMH6644-MIL Datasheet HTML 2Page - Texas Instruments LMH6644-MIL Datasheet HTML 3Page - Texas Instruments LMH6644-MIL Datasheet HTML 4Page - Texas Instruments LMH6644-MIL Datasheet HTML 5Page - Texas Instruments LMH6644-MIL Datasheet HTML 6Page - Texas Instruments LMH6644-MIL Datasheet HTML 7Page - Texas Instruments LMH6644-MIL Datasheet HTML 8Page - Texas Instruments LMH6644-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OUT A
+
±
+ ±
1
2
3
4
5
6
7
8
9
10
11
12
13
14
±IN A
+IN A
V+
+IN B
±IN B
OUT B
OUT D
±IN D
+IN D
+IN C
±IN C
OUT C
A
D
B
C
4
LMH6644-MIL
SNOSD65 – JUNE 2017
www.ti.com
Product Folder Links: LMH6644-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
Package D14A, PW14A
14-Pin SOIC and 14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
ChA inverting input
+IN A
3
I
ChA non-inverting input
–IN B
6
I
ChB inverting input
+IN B
5
I
ChB non-inverting input
–IN C
9
I
ChC inverting input
+IN C
10
I
ChC non-inverting input
–IN D
13
I
ChD inverting input
+IN D
12
I
ChD non-inverting input
OUT A
1
O
ChA output
OUT B
7
O
ChB output
OUT C
8
O
ChC output
OUT D
14
O
ChD output
V
11
I
Negative supply
V+
4
I
Positive supply


Similar Part No. - LMH6644-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6644 NSC-LMH6644 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI1-LMH6644 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com