Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5B7741393 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # U5B7741393
Description  Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

U5B7741393 Datasheet(HTML) 7 Page - Texas Instruments

Back Button U5B7741393 Datasheet HTML 3Page - Texas Instruments U5B7741393 Datasheet HTML 4Page - Texas Instruments U5B7741393 Datasheet HTML 5Page - Texas Instruments U5B7741393 Datasheet HTML 6Page - Texas Instruments U5B7741393 Datasheet HTML 7Page - Texas Instruments U5B7741393 Datasheet HTML 8Page - Texas Instruments U5B7741393 Datasheet HTML 9Page - Texas Instruments U5B7741393 Datasheet HTML 10Page - Texas Instruments U5B7741393 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
LM741-MIL
www.ti.com
SNOSD62 – JUNE 2017
Product Folder Links: LM741-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Open-Loop Amplifier
The LM741-MIL can be operated in an open-loop configuration. The magnitude of the open-loop gain is typically
large thus for a small difference between the non-inverting input terminals and the inverting input terminals, the
amplifier output is driven near the supply voltage. Without negative feedback, the LM741-MIL can act as a
comparator. If the inverting input is held at 0 V, and the input voltage applied to the non-inverting input is
positive, the output will be positive. If the input voltage applied to the non-inverting input is negative, the output is
negative.
7.4.2 Closed-Loop Amplifier
In a closed-loop configuration, negative feedback is used by applying a portion of the output voltage to the
inverting input. Unlike the open-loop configuration, closed loop feedback reduces the gain of the circuit. The
overall gain and response of the circuit is determined by the feedback network rather than the operational
amplifier characteristics. The response of the operational amplifier circuit is characterized by the transfer function.


Similar Part No. - U5B7741393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
U5B7741393 TI1-U5B7741393 Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
U5B7741393 TI1-U5B7741393 Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - U5B7741393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com