Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6624MDC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MDC
Description  Single Ultra-Low-Noise Wideband Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6624MDC Datasheet(HTML) 1 Page - Texas Instruments

  LMH6624MDC Datasheet HTML 1Page - Texas Instruments LMH6624MDC Datasheet HTML 2Page - Texas Instruments LMH6624MDC Datasheet HTML 3Page - Texas Instruments LMH6624MDC Datasheet HTML 4Page - Texas Instruments LMH6624MDC Datasheet HTML 5Page - Texas Instruments LMH6624MDC Datasheet HTML 6Page - Texas Instruments LMH6624MDC Datasheet HTML 7Page - Texas Instruments LMH6624MDC Datasheet HTML 8Page - Texas Instruments LMH6624MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH6624-MIL
SNOSD63 – JUNE 2017
LMH6624-MIL Single Ultra-Low-Noise Wideband Operational Amplifier
1
1 Features
1
VS = ±6 V, TA = 25°C, AV = 20 (Typical Values
Unless Specified)
Gain Bandwidth 1.5 GHz
Input Voltage Noise 0.92 nV/
√Hz
Input Offset Voltage (Limit Over Temp) 700 µV
Slew Rate 350 V/μs
Slew Rate (AV = 10) 400 V/μs
HD2 at f = 10 MHz, RL = 100 Ω –63 dBc
HD3 at f = 10 MHz, RL = 100 Ω –80 dBc
Supply Voltage Range 5 V to 12 V
Improved Replacement for the CLC425
Stable for Closed Loop |AV| ≥ 10
2 Applications
Instrumentation Sense Amplifiers
Ultrasound Preamplifiers
Magnetic Tape & Disk Preamplifers
Wide Band Active Filters
Professional Audio Systems
Opto-Electronics
Medical Diagnostic Systems
3 Description
The LMH6624-MIL device offers wide bandwidth (1.5
GHz) with very-low-input noise (0.92 nV/
√Hz, 2.3
pA/
√Hz) and ultra-low DC errors (100-μV VOS, ±0.1-
μV/°C
drift)
providing
very
precise
operational
amplifiers with wide dynamic range. This enables the
user to achieve closed-loop gains of greater than 10,
in both inverting and non-inverting configurations.
The
LMH6624-MIL
traditional
voltage
feedback
topology provides the following benefits: balanced
inputs, low-offset voltage and offset current, very-low-
offset drift, 81-dB open loop gain, 95-dB common-
mode rejection ratio, and 88-dB power supply
rejection ratio.
The LMH6624-MIL device operates from 5 V to 12 V
and is offered in SOT-23-5 and SOIC-8 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH6624-MIL
SOT-23 (5)
2.90 mm × 1.60 mm
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Voltage Noise vs. Frequency


Similar Part No. - LMH6624MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624MDC TI1-LMH6624MDC Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results

Similar Description - LMH6624MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
UPC4574 NEC-UPC4574 Datasheet
300Kb / 10P
   QUAD ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624MF TI-LMH6624MF Datasheet
1Mb / 31P
[Old version datasheet]   LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
LMH6624 TI1-LMH6624_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com