Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6042AIJ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6042AIJ
Description  CMOS Dual Micropower Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6042AIJ Datasheet(HTML) 4 Page - Texas Instruments

  LMC6042AIJ Datasheet HTML 1Page - Texas Instruments LMC6042AIJ Datasheet HTML 2Page - Texas Instruments LMC6042AIJ Datasheet HTML 3Page - Texas Instruments LMC6042AIJ Datasheet HTML 4Page - Texas Instruments LMC6042AIJ Datasheet HTML 5Page - Texas Instruments LMC6042AIJ Datasheet HTML 6Page - Texas Instruments LMC6042AIJ Datasheet HTML 7Page - Texas Instruments LMC6042AIJ Datasheet HTML 8Page - Texas Instruments LMC6042AIJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMC6042
SNOS611E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= 0V, V
CM = 1.5V, VO = V
+/2 and R
L > 1M unless otherwise specified.
Typical(1)
LMC6042AI
LMC6042I
Units
Symbol
Parameter
Conditions
(Limit)
Limit(2)
Limit(2)
IS
Supply Current
Both Amplifiers
20
34
45
μA
VO = 1.5V
39
50
Max
Both Amplifiers
26
44
56
μA
V+ = 15V
51
65
Max
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= 0V, V
CM = 1.5V, VO = V
+/2 and R
L > 1M unless otherwise specified.
Typ(1)
LMC6042AI
LMC6042I
Units
Symbol
Parameter
Conditions
(Limit)
Limit(2)
Limit(2)
SR
Slew Rate
See (3)
0.02
0.015
0.010
V/
μs
0.010
0.007
Min
GBW
Gain-Bandwidth Product
100
kHz
φm
Phase Margin
60
Deg
Amp-to-Amp Isolation
See (4)
115
dB
en
Input-Referred
f = 1 kHz
83
nV/
√Hz
Voltage Noise
in
Input-Referred
f = 1 kHz
0.0002
pA/
√Hz
Current Noise
T.H.D.
Total Harmonic Distortion
f = 1 kHz, AV = −5
RL = 100 kΩ, VO = 2 VPP
0.01
%
±5V Supply
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are ensured at room temperature (standard type face) or at operating temperature extremes (bold face type).
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred V+ = 15V and RL = 100 kΩ connected to V
+/2. Each amp excited in turn with 100 Hz to produce V
O = 12 VPP.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC6042


Similar Part No. - LMC6042AIJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042AIJ TI-LMC6042AIJ Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042AIJ TI1-LMC6042AIJ Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042AIJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042IMX TI-LMC6042IMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com