Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM46002AQPWPTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002AQPWPTQ1
Description  3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46002AQPWPTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM46002AQPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 12Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 13Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 14Page - Texas Instruments LM46002AQPWPTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (MHz)
Peak Emissions
Quasi Peak Limit
Average Limit
C001
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Frequency (MHz)
Peak Emissions
Quasi Peak Limit
Average Limit
C001
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
1.E+04
1.E+05
1.E+06
3.5
3.7
3.9
4.1
4.3
4.5
VIN (V)
Load=0.01A
Load=0.1A
Load=0.5A
Load=1A
Load=1.5A
Load=2A
C009
1.0E+04
1.0E+05
1.0E+06
5.0
5.5
6.0
6.5
7.0
VIN (V)
Load=0.1A
Load=0.5A
Load=1A
Load=1.5A
Load=2A
C005
11
LM46002-Q1, LM46002A-Q1
www.ti.com
SNVSAA2B – JULY 2015 – REVISED JULY 2017
Product Folder Links: LM46002-Q1 LM46002A-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 10 µH, COUT = 150 µF, CFF = 47 pF. See Application
Performance Curves for Bill of Materials (BOM) for other VOUT and FS combinations.
VOUT = 3.3 V
FS = 500 kHz
Figure 19. Switching Frequency vs VIN in Dropout Operation
VOUT = 5 V
FS = 1 MHz
Figure 20. Switching Frequency vs VIN in Dropout Operation
VOUT = 3.3 V
FS = 500 kHz
IOUT = 2 A
Measured on the LM46002QPWPEVM with default BOM. No input
filter used.
Figure 21. Radiated EMI Curve
VOUT = 5 V
FS = 1 MHz
IOUT = 2 A
Measured on the LM46002QPWPEVM with L = 6.8 µH, COUT = 47
µF, CFF = 47 pF. No input filter used.
Figure 22. Radiated EMI Curve
VOUT = 3.3 V
FS = 500 kHz
IOUT = 2 A
Measured on the LM46002QPWPEVM with default BOM. Input
filter: Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
Figure 23. Conducted EMI Curve
VOUT = 5 V
FS = 1 MHz
IOUT = 2 A
Measured on the LM46002QPWPEVM with L = 6.8 µH, COUT = 47
µF, CFF = 47 pF. Input filter Lin = 1 µH Cd = 47 µF CIN4 = 68 µF
Figure 24. Conducted EMI Curve


Similar Part No. - LM46002AQPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
logo
TEXAS ADVANCED OPTOELEC...
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
LM46002PWP TI-LM46002PWP Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002AQPWPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com