Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555-MIL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM555-MIL
Description  LM555-MIL Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555-MIL Datasheet(HTML) 4 Page - Texas Instruments

  LM555-MIL Datasheet HTML 1Page - Texas Instruments LM555-MIL Datasheet HTML 2Page - Texas Instruments LM555-MIL Datasheet HTML 3Page - Texas Instruments LM555-MIL Datasheet HTML 4Page - Texas Instruments LM555-MIL Datasheet HTML 5Page - Texas Instruments LM555-MIL Datasheet HTML 6Page - Texas Instruments LM555-MIL Datasheet HTML 7Page - Texas Instruments LM555-MIL Datasheet HTML 8Page - Texas Instruments LM555-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
LM555-MIL
SNAS745 – JUNE 2017
www.ti.com
Product Folder Links: LM555-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
For operating at elevated temperatures the device must be derated above 25°C based on a 150°C maximum junction temperature and a
thermal resistance of 106°C/W (PDIP), 170°C/W (S0IC-8), and 204°C/W (VSSOP) junction to ambient.
(4)
Refer to RETS555X drawing of military LM555H and LM555J versions for specifications.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power Dissipation(3)
LM555CM, LM555CN(4)
1180
mW
LM555CMM
613
mW
Soldering
Information
PDIP Package
Soldering (10 Seconds)
260
°C
Small Outline Packages (SOIC and
VSSOP)
Vapor Phase (60 Seconds)
215
°C
Infrared (15 Seconds)
220
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The ESD information listed is for the SOIC package.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500(2)
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage
18
V
Operating free-air temperature, TA
0
70
°C
Operating junction temperature, TJ
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM555-MIL
UNIT
PDIP
SOIC
VSSOP
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
106
170
204
°C/W


Similar Part No. - LM555-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Similar Description - LM555-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM556-MIL TI1-LM556-MIL Datasheet
470Kb / 15P
[Old version datasheet]   LM556-MIL Dual Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com