Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N70A Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # 6N70A
Description  isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

6N70A Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  6N70A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 6N70A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
3
isc N-Channel MOSFET Transistor
6N70A
Outline Drawing


Similar Part No. - 6N70A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N70 UTC-6N70 Datasheet
174Kb / 6P
   6.0A, 700V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N70 ISC-6N70 Datasheet
58Kb / 2P
   Simple Drive Requirements
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
logo
SUNMATE electronic Co.,...
6N70 SUNMATE-6N70 Datasheet
1Mb / 6P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N70-C UTC-6N70-C Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N70A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com