Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX429ALL Datasheet(PDF) 5 Page - Sony Corporation

Part No. ICX429ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX429ALL Datasheet(HTML) 5 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
– 5 –
ICX429ALL
Clock Voltage Conditions
1 Input the reset gate clock without applying a DC bias. In addition, the reset gate clock can also be driven
with the following specifications.
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage∗1
Substrate clock voltage
Item
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
| VVH1 – VVH2 |
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VRGL
V
φRG
VRGLH – VRGLL
V
φSUB
Symbol
14.55
–0.05
–0.2
–9.6
8.3
–0.25
–0.25
4.75
–0.05
4.5
23.0
Min.
1
2
2
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
Waveform
diagram
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Low-level coupling
Remarks
Reset gate clock
voltage
Item
VRGL
V
φRG
Symbol
4
4
Waveform
diagram
Remarks
15.0
0
0
–9.0
9.0
5.0
0
1
5.0
24.0
Typ.
15.45
0.05
0.05
–8.5
9.65
0.1
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
25.0
Max. Unit
V
V
V
V
Vp-p
V
V
V
V
V
V
V
Vp-p
V
V
Vp-p
V
Vp-p
–0.2
8.5
Min.
0
9.0
Typ.
0.2
9.5
Max. Unit
V
Vp-p


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn