Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX429ALL Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX429ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX429ALL Datasheet(HTML) 4 Page - Sony Corporation

  ICX429ALL Datasheet HTML 1Page - Sony Corporation ICX429ALL Datasheet HTML 2Page - Sony Corporation ICX429ALL Datasheet HTML 3Page - Sony Corporation ICX429ALL Datasheet HTML 4Page - Sony Corporation ICX429ALL Datasheet HTML 5Page - Sony Corporation ICX429ALL Datasheet HTML 6Page - Sony Corporation ICX429ALL Datasheet HTML 7Page - Sony Corporation ICX429ALL Datasheet HTML 8Page - Sony Corporation ICX429ALL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
– 4 –
ICX429ALL
DC Characteristics
Output circuit supply current
Item
IDD
Symbol
5.0
Min.
Unit
Remarks
Typ.
Max.
mA
10.0
Bias Conditions 1 [when used in substrate bias internal generation mode]
Output circuit supply voltage
Reset drain voltage
Protective transistor bias
Substrate bias circuit supply voltage
Substrate clock
1 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same supply voltage as the VL
power supply for the V driver should be used. (When CXD1267AN is used.)
2 Do not apply a DC bias to the substrate clock pin, because a DC bias is generated within the CCD.
Item
VDD
VRD
VL
VDSUB
φSUB
Symbol
15.0
15.0
1
15.0
2
Min.
V
V
V
Unit
Remarks
Typ.
Max.
14.55
14.55
14.55
15.45
15.45
15.45
VRD = VDD
Bias Conditions 2 [when used in substrate bias external adjustment mode]
Output circuit supply voltage
Reset drain voltage
Protective transistor bias
Substrate bias circuit supply voltage
Substrate voltage adjustment range
Substrate voltage adjustment precision
3 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same supply voltage as the VL
power supply for the V driver should be used. (When CXD1267AN is used.)
4 Connect to GND or leave open.
5 The setting value of the substrate voltage (V
SUB
) is indicated on the back of the image sensor by a
special code. When adjusting the substrate voltage externally, adjust the substrate voltage to the indicated
voltage. The adjustment precision is ±3%. However, this setting value has not significance when used in
substrate bias internal generation mode.
VSUB code — one character indication
Code and optimal setting correspond to each other as follows.
Item
VDD
VRD
VL
VDSUB
VSUB
∆VSUB
Symbol
15.0
15.0
3
4
Min.
V
V
V
%
Unit
Remarks
Typ.
Max.
14.55
14.55
6.0
–3
15.45
15.45
14.0
+3
VRD = VDD
5
5
<Example> "L"
→ VSUB = 9.0V
VSUB code
Optimal setting
f
6.5
G
7.0
h
7.5
J
8.0
K
8.5
L
9.0
m
9.5
N
10.0
P
10.5
Q
11.0
S
12.0
U
13.0
V
13.5
W
14.0
R
11.5
T
12.5
E
6.0


Similar Part No. - ICX429ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
More results

Similar Description - ICX429ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALL SONY-ICX428ALL Datasheet
27Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com