Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX103M050E7P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SLPX103M050E7P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX103M050E7P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SLPX103M050E7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX103M050E7P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10.0
D+1 max.
6.3±1
L±2
2 x Ø2.0±0.1
Vent
PC Board Mounting Holes
1.5 +0.2/-0.1
0.8 +0.2/-0.1
6.3 3.5
0.8 +0.2/-0.1
Outline Drawing
Part Numbering System
Additional Voltages and Sizes available at www.cde.com/catalogs/SLPX.pdf
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
10 Vdc (13 Vdc Surge)
10 Vdc (13 Vdc Surge)
12000 SLPX123M010A1P3 0.061
0.046
2.41
3.01
22 x 25
68000 SLPX683M010E9P3 0.011
0.008
7.50
9.38
30 x 50
15000 SLPX153M010A3P3 0.049
0.037
2.88
3.60
22 x 30
68000 SLPX683M010H7P3 0.011
0.008
7.48
9.35
35 x 40
15000 SLPX153M010C1P3 0.049
0.037
2.88
3.60
25 x 25
82000 SLPX823M010H9P3 0.009
0.007
8.50
10.63
35 x 50
18000 SLPX183M010A5P3 0.041
0.031
3.22
4.03
22 x 35
16 Vdc (20 Vdc Surge)
18000 SLPX183M010C3P3 0.041
0.031
3.08
3.85
25 x 30
8200 SLPX822M016A1P3 0.081
0.061
2.56
3.20
22 x 25
22000 SLPX223M010A7P3 0.033
0.025
3.79
4.74
22 x 40
10000 SLPX103M016A3P3 0.066
0.050
2.89
3.61
22 x 30
22000 SLPX223M010C3P3 0.033
0.025
3.66
4.58
25 x 30
12000 SLPX123M016A3P3 0.055
0.041
3.13
3.91
22 x 30
22000 SLPX223M010E1P3 0.033
0.025
3.53
4.41
30 x 25
12000 SLPX123M016C1P3 0.055
0.041
3.01
3.76
25 x 25
27000 SLPX273M010A4P3 0.027
0.020
4.04
5.05
22 x 45
15000 SLPX153M016A5P3 0.044
0.033
3.69
4.61
22 x 35
27000 SLPX273M010C5P3 0.027
0.020
4.04
5.05
25 x 35
15000 SLPX153M016C3P3 0.044
0.033
3.64
4.55
25 x 30
27000 SLPX273M010E3P3 0.027
0.020
3.99
4.99
30 x 30
15000 SLPX153M016E1P3 0.044
0.033
3.73
4.66
30 x 25
33000 SLPX333M010A9P3 0.022
0.017
4.58
5.73
22 x 50
18000 SLPX183M016A7P3 0.037
0.028
3.98
4.98
22 x 40
33000 SLPX333M010C7P3 0.022
0.017
4.56
5.70
25 x 40
18000 SLPX183M016C5P3 0.037
0.028
3.98
4.98
25 x 35
33000 SLPX333M010E3P3 0.022
0.017
4.58
5.73
30 x 30
18000 SLPX183M016E3P3 0.037
0.028
3.88
4.85
30 x 30
39000 SLPX393M010C4P3 0.019
0.014
5.29
6.61
25 x 45
22000 SLPX223M016A9P3 0.030
0.023
4.52
5.65
22 x 50
39000 SLPX393M010E5P3 0.019
0.014
5.21
6.51
30 x 35
22000 SLPX223M016C7P3 0.030
0.023
4.44
5.55
25 x 40
39000 SLPX393M010H3P3 0.019
0.014
5.50
6.88
35 x 30
22000 SLPX223M016E3P3 0.030
0.023
4.38
5.48
30 x 30
47000 SLPX473M010C9P3 0.016
0.012
5.78
7.23
25 x 50
27000 SLPX273M016C4P3 0.025
0.019
4.98
6.23
25 x 45
47000 SLPX473M010E7P3 0.016
0.012
5.78
7.23
30 x 40
27000 SLPX273M016E5P3 0.025
0.019
4.95
6.19
30 x 35
47000 SLPX473M010H5P3 0.016
0.012
5.55
6.94
35 x 35
27000 SLPX273M016H3P3 0.025
0.019
4.82
6.03
35 x 30
56000 SLPX563M010E4P3 0.013
0.010
6.59
8.24
30 x 45
33000 SLPX333M016C9P3 0.020
0.015
5.49
6.86
25 x 50
56000 SLPX563M010H5P3 0.013
0.010
6.40
8.00
35 x 35
33000 SLPX333M016E7P3 0.020
0.015
5.60
7.00
30 x 40
Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
SLPX
562
M
025
A1
P
3
A
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
Pin Style
SLPX
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC
Blank = 2 pins
332 = 3300 µF
250 = 250 Vdc
snap-in 6.3 mm L
103 = 10,000 µF
A = 2 pins snap-in
4.0 mm L
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
4.0 mm pin length option
(add “A” to end of part #)


Similar Part No. - SLPX103M050E7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX103M050E7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com