Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR03E560JOYR Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # CMR03E560JOYR
Description  High-Reliability Dipped Capacitors/MIL-PRF-39001
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CMR03E560JOYR Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  CMR03E560JOYR Datasheet HTML 1Page - Cornell Dubilier Electronics CMR03E560JOYR Datasheet HTML 2Page - Cornell Dubilier Electronics CMR03E560JOYR Datasheet HTML 3Page - Cornell Dubilier Electronics CMR03E560JOYR Datasheet HTML 4Page - Cornell Dubilier Electronics CMR03E560JOYR Datasheet HTML 5Page - Cornell Dubilier Electronics CMR03E560JOYR Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type CMR , High-Reliability, Mica Capacitors
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02744Ph: (508)996-8564Fax: (508)996-3830www.cde.com
Moisture Resistance: Capacitors
will meet the requirements of
MIL-STD-202, Method 106F as outlined
here and diagrammed on the
right. Apply 100 V or the rated voltage
(whichever is less) to half of the
capacitors. Don’t apply voltage to
the other half. Refer to MIL-STD-
202 for details.
1. Dry capacitors for 24 hours in a
50±2 °C oven and then allow to
stabilize at room temperature.
2. Subject the capacitors to 20 24-
hour continuous cycles with
relative humidity and temperature
as shown.
3. 4 to 24 hours after completion of
the last cycle the capacitors will
show no visual damage and will
meet the after-test limits below.
Ordering Information
Order by complete part number, as below.
For other options, write your requirements on your quote request.
After-Test Limits
Part Numbering System
CMR05 C
100
J
P
D
R
CDE
Capacitance Capacitance
Temperature Range
Voltage
Failure Rate
Type
1R0 = 1.0pF
Tolerance
O = –55 °C to +125 °C
Y = 50 Vdc
361 = 360pF
D = ±.5 pf
P = –55 °C to +150 °C*
A = 100 Vdc
M = 1.0%/1000 hrs.
122 = 1200pF
F = ±1%
C = 300 Vdc
P = .1%/1000 hrs.
G = ±2%
D = 500 Vdc
R = .01%/1000 hrs.
Characteristic
J = ±5%
*P temperature range available for CMR04, CMR05, CMR06, CMR07, CMR08
Test
Withstand
Insulation
Capacitance Change
DF
Q
Voltage
Resistance (whichever is greater)
Moisture Resistance
IL
30 GΩ
NV±1% or ±1 pF
150% IL 2/3xIL
Life Test
IL
IL
NV±1% or ±1 pF
150% IL 2/3xIL
Solder Heat
IL
IL
IV±5% or ±5pF
IL
IL
IL=Initial Limit
NV=Nominal Value IV=Initial Value
Temp. Coeff.
ppm/°C
CapacitanceDrift
Standard
Cap. Range
C
–200 to +200
±(0.5% +0.1pF)
1 – 18 pF
E
–20 to +100
±(0.1% +0.1pF)
20 – 82 pF
F
0 to + 70
±(0.05% +0.1pF)
91 pF and up


Similar Part No. - CMR03E560JOYR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR03E560JOYR CDE-CMR03E560JOYR Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
More results

Similar Description - CMR03E560JOYR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMR CDE-CMR Datasheet
305Kb / 6P
   High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
logo
AVX Corporation
CYR51 AVX-CYR51 Datasheet
82Kb / 2P
   Glass Capacitors CYR51, 52, 53 (Established Reliability) M23269/10 (QPL to MIL-PRF-23269)
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CYR10 AVX-CYR10 Datasheet
91Kb / 2P
   Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com