Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWMW12RA1A-A Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWMW12RA1A-A
Description  General Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWMW12RA1A-A Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWMW12RA1A-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWMW12RA1A-A Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B43
B
www.nkkswitches.com
M
Panel Seal
Power Level
10A @ 125/250V AC
Power Level
10A @ 125/250V AC
Power Level
16A @ 125/250V AC
MW
L
RATINGS
BARRIER TYPES & COLORS
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are not actually
on the switch. Actuator positions oriented
with switch part number facing front.
SP
JWM11
JWMW11
JWL11
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
JWM12
JWMW12
JWL12
ON
NONE
ON
1-1b
OPEN
1-1a
SPDT
DP
JWM21
JWMW21
JWL21
JWLW21
ON
NONE
OFF
1-1b
2-2b
OPEN
OPEN
DPST
DP
JWM22
JWMW22
JWL22
JWLW22
ON
NONE
ON
1-1b
2-2b
OPEN
1-1a
2-2a
DPDT
Barrier type designates that either AT217 (for JWM) or
AT218 (for JWL) is factory assembled.
Dimensions for barriers are shown in the Accessories section.
POLES & CIRCUITS
R
Flange/Housing Material: Polyamide
Finish: Matte
Barrier Material: Polyamide
Finish: Matte
No-barrier type has a flat flange
which is an integral part of the switch.
No Barrier
1 (COM)
1b
1a
1 (COM)
1b
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
B
With Barrier
A
Black
H
Gray
B
Ivory
Barrier Colors
Available:
JWMW and JWLW panel seal devices have exterior seal
of acrylonitrile butadiene rubber covering the flange.
Panel Seal
Power Level
16A @ 125/250V AC
LW
JWM
JWL
JWM
JWL
CAP COLORS
Cap Material: Polyphenelene Oxide
Finish: Matte
Rocker cap is an integral part of the switch and not available separately.
JWMW and JWLW available with black or red caps only.
Black
Ivory
Red
Gray
Cap Colors
Available:
A
B
C
H


Similar Part No. - JWMW12RA1A-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWMW12RA1A-A ETC2-JWMW12RA1A-A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Nihon Kaiheiki Industry...
JWMW12RA1A-A NKK-JWMW12RA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWMW12RA1A-A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com