Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX229AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX229AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX229AL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The ICX229AL is an interline CCD solid-state
image sensor suitable for CCIR B/W video cameras.
Compared with the current product ICX209AL, smear
charactristics are improved drastically and power
consumption is reduced. High sensitivity and high
saturation signal are achieved by Super HAD CCD
technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).
Features
• Low smear (–100dB Typ. at F5.6)
• Low power consumption
(–38% compared with ICX209AL)
• High sensitivity
(+3dB at F1.2 compared with ICX209AL)
• High saturation signal
• Supply voltage
12V
• Horizontal register:
3.3V drive
• Reset gate:
3.3V drive
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• High resolution,low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
4.34mm (H)
× 3.69mm (V)
• Unit cell size:
4.85µm (H)
× 4.65µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX229AL
E00330A1Z
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
14 pin DIP (Plastic)
Pin 1
V
3
40
2
12
Pin 8
H
Optical black position
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn