Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWM22RHA-A Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWM22RHA-A
Description  General Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWM22RHA-A Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWM22RHA-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RHA-A Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B48
B
www.nkkswitches.com
PRECAUTIONS FOR HANDLING & STORAGE FOR JWMW/LW (PANEL SEAL TYPES)
30°
Correct
Incorrect
Clean Edges
Operating Environment
• Do not install switch where heavy dust collection occurs. Dust build-up under rocker may affect switch actuation.
• Do not actuate switch if submerged in water or oil.
• Installation is not recommended on horizontal surface in an environment where frequent splashing of
water may occur. In such an environment, a minimum 30° angle installation is advisable. If there is
a possibility of freezing, install vertically so no moisture will be retained within switch housing.
Panel Mounting
• Before snapping a switch into the panel, align the gasket evenly under bezel of the switch.
• When mounting into a panel, apply equal pressure to sides of bezel and insert parallel to panel.
• After mounting a switch, be sure there are no gaps between switch and panel.
Lightly push into panel.
• After installing into panel, do not apply excessive force.
• After panel installation and wiring is completed, do not apply force horizontally
or vertically from behind panel.
• Behind the panel, cut area should be squared. If front of panel is painted, do not allow any paint to collect in
corners of cutout to prevent level mounting.
• Avoid reinstalling a switch once it has been mounted in a panel. This may cause deterioration of panel sealability.


Similar Part No. - JWM22RHA-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM22RH NKK-JWM22RH Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
JWM22RH1 NKK-JWM22RH1 Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
JWM22RH1A-A NKK-JWM22RH1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWM22RH1A-B NKK-JWM22RH1A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWM22RH1A-H NKK-JWM22RH1A-H Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWM22RHA-A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com