Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE15002 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE15002
Description  Integrated Circuit Color TV Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15002 Datasheet(HTML) 1 Page - NTE Electronics

  NTE15002 Datasheet HTML 1Page - NTE Electronics NTE15002 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE15002
Integrated Circuit
Color TV Vertical Deflection Output Circuit
Description:
The NTE15002 is a monolithic linear IC in a 7–Lead SIP type package designed for small–aperture
color TV vertical deflection output and has such features as greatly reduced number of external parts
and low power dissipation. The NTE15002 can be used in conjunction with the NTE1845 for video
chroma deflection use and the NTE1538 for deflection use.
Features:
D High Output
D On–Chip Pump–Up Circuit and Low Power Dissipation
D Minimum Number of External Parts Required
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, V6max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Voltage, V3max
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, I2max
±1.3AP–O
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PDmax
4.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topg
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, V6
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Voltage Range, V6
18V to 27V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, I2P–P
up to 1.5AP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 24V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Transistor Saturation Voltage (1)
0.5
1.0
V
Output Transistor Saturation Voltage (2)
1.8
2.6
V
Pin7 Saturation Voltage (1)
1.5
V
Pin7 Saturation Voltage (2)
0.8
1.6
V
Quiescent Current
8.0
11.5
24.0
mA
Middle–Point Voltage
11
V


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn