Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICS93716 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part No. ICS93716
Description  Low Cost DDR Phase Lock Loop Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93716 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS93716 Datasheet HTML 1Page - Integrated Circuit Systems ICS93716 Datasheet HTML 2Page - Integrated Circuit Systems ICS93716 Datasheet HTML 3Page - Integrated Circuit Systems ICS93716 Datasheet HTML 4Page - Integrated Circuit Systems ICS93716 Datasheet HTML 5Page - Integrated Circuit Systems ICS93716 Datasheet HTML 6Page - Integrated Circuit Systems ICS93716 Datasheet HTML 7Page - Integrated Circuit Systems ICS93716 Datasheet HTML 8Page - Integrated Circuit Systems ICS93716 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS93716
0420E—04/01/03
Byte 0: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B6
1
,
7
11
3
C
K
L
C
,
3
T
K
L
C
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 1: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 3: Reserved
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 4: Reserved
(1= enable, 0 = disable)
Byte 2: Reserved
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
6
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
5
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
4
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
3
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
2
t
i
B-
1
)
e
t
o
N
(
d
e
v
r
e
s
e
R
1
t
i
B-
1
)
e
t
o
N
(
d
e
v
r
e
s
e
R
0
t
i
B-
0
)
e
t
o
N
(
d
e
v
r
e
s
e
R
Byte 5: Reserved
(1= enable, 0 = disable)
Note: Don’t write into this register, writing into this
register can cause malfunction
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B1
,
21
0
C
K
L
C
,
0
T
K
L
C
6
t
i
B5
,
41
1
C
K
L
C
,
1
T
K
L
C
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B4
1
,
3
11
2
C
K
L
C
,
2
T
K
L
C
2
t
i
B7
2
,
6
21
5
C
K
L
C
,
5
T
K
L
C
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B5
2
,
4
21
4
C
K
L
C
,
4
T
K
L
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICS93V850DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93776Low Cost DDR Phase Lock Loop Zero Delay Buffer 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93722Low Cost DDR Phase Lock Loop Zero Delay Buffer 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93701DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93732Low Cost DDR Phase Lock Loop Zero Delay Buffer 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93V855DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS95V842DDR Phase Lock Loop Clock Driver 60MHz - 220MHz 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS93735DDR Phase Lock Loop Zero Delay Clock Buffer 1 2 3 4 5 MoreIntegrated Circuit Systems
CDCV857A2.5-V PHASE LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
CDCU8771.8V PHASE LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn