Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP10E070039B Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AP10E070039B
Description  AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI (U.FL compatible)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10E070039B Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP10E070039B Datasheet HTML 1Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 2Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 3Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 4Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 5Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 6Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 7Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 8Page - Taoglas antenna solutions AP10E070039B Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPE-12-8-003/B/SS
Page 2 of 9
1. Introduction
AP.10E active GPS/GALILEO patch antenna is the smallest GPS high performance
antenna currently available in the world. Using extremely sensitive high dielectric
constant powder formulation and tight process control the 10*10*4mm patch antenna
is accurately tuned to have its frequency band right at 1575.42MHz for GPS systems.
With an ultra low power consumption one stage LNA, this small active patch has the
performance of an ordinary active patch, but at only a quarter of the size.
This product is suited to small form factor mobile devices such as GPS Smartphones,
Personal Location, Medical devices, Telematic devices and Automotive navigation and
tracking. Custom gain, connector and cable versions are available. The AP.10E
consists of 2 functional blocks – the LNA and also the patch antenna.


Similar Part No. - AP10E070039B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP10E070039B ETC2-AP10E070039B Datasheet
1Mb / 12P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI
More results

Similar Description - AP10E070039B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP10E070039B ETC2-AP10E070039B Datasheet
1Mb / 12P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI
logo
Taoglas antenna solutio...
AP10F070039B TAOGLAS-AP10F070039B Datasheet
532Kb / 10P
   2 Stage 25dB 10mm Active GPS/GALILEO Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI (U.FL compatible)
logo
List of Unclassifed Man...
AP10F070039B ETC2-AP10F070039B Datasheet
1Mb / 11P
   2 Stage 25dB 10mm Active Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI with Front End SAW Filter
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
   IPEX MHFI Connector
FXP14.07.0100A TAOGLAS-FXP14.07.0100A Datasheet
1Mb / 9P
   IPEX MHFI Connector
FXP73.07.0100A TAOGLAS-FXP73.07.0100A Datasheet
497Kb / 9P
   IPEX MHFI Connector
logo
List of Unclassifed Man...
RECE20279001E01 ETC2-RECE20279001E01 Datasheet
148Kb / 1P
   IPEX MHFI RECEPTACLE
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
RECE20279001E ETC1-RECE20279001E Datasheet
267Kb / 1P
   IPEX MHF (U.FL comp) receptacle
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com