Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTZTF3.6B Datasheet(PDF) 1 Page - Rohm

Part # PTZTF3.6B
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PTZTF3.6B Datasheet(HTML) 1 Page - Rohm

  PTZTF3.6B Datasheet HTML 1Page - Rohm PTZTF3.6B Datasheet HTML 2Page - Rohm PTZTF3.6B Datasheet HTML 3Page - Rohm PTZTF3.6B Datasheet HTML 4Page - Rohm PTZTF3.6B Datasheet HTML 5Page - Rohm PTZTF3.6B Datasheet HTML 6Page - Rohm PTZTF3.6B Datasheet HTML 7Page - Rohm PTZTF3.6B Datasheet HTML 8Page - Rohm PTZTF3.6B Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PTZTF4.7B
Zener Diode
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
              Outline
PD
1000
mW
     
 
 
 
 
 
 
 
 
     
Feature
Inner Circuit
High reliability
Small power mold type
Application
Packaging Specification
Voltage regulation
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
12
Structure
Basic Ordering Unit(pcs)
1500
Silicon Epitaxial Planar
Taping Code
TE25
Marking
4.7B
Absolute Maximum Rating (Ta = 25)
Parameter
Symbol
Limits
Unit
Power dissipation
PD
1000
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 150 
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/6
 
             
 
2017/01/11_Rev.002


Similar Part No. - PTZTF3.6B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZTF3.6B ROHM-PTZTF3.6B Datasheet
2Mb / 10P
   Zener Diode
PTZTF3.6B ROHM-PTZTF3.6B Datasheet
2Mb / 10P
   Zener Diode
PTZTF3.6B ROHM-PTZTF3.6B Datasheet
2Mb / 10P
   Zener Diode
PTZTF3.6B ROHM-PTZTF3.6B Datasheet
2Mb / 10P
   Zener Diode
PTZTF3.6B ROHM-PTZTF3.6B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - PTZTF3.6B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com