Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

917-43-104-41-005000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 917-43-104-41-005000
Description  SERIES 940 ??THROUGH-BOARD MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

917-43-104-41-005000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  917-43-104-41-005000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
TRANSISTOR SOCKETS
SERIES 917 • SURFACE AND THROUGH-HOLE MOUNT
Series 917 TO package sockets are available
in 3, 4, 8 and 10 positions
Two 8 pin versions feature pin centers on .200”
or .230” circle
Series 917...005 use MM #1705 and MM
#1802 pins, see pages 168 and 169 for details.
Receptacles use Hi-Rel, 4 nger #30 contact
rated at 3 amps. See page 253 for details
Series 917...001 uses MM #1701 pins. See page
171 for details. Receptacles use Hi-Rel, 4 nger
#30 contact rated at 3 amps. See page 253 for
details
Insulators are high temperature thermoplastic,
suitable for all soldering operations
For Electrical, Mechanical and Environmental
Data, see page 264 for details
Contact (Clip)
SPECIFY PLATING CODE XX=
Sleeve (Pin)
XX=Plating Code
See Below
RoHS - 2
2011/65/EU
10 µ”Au
200µ”Sn/Pb
91
30 µ”Au
200µ”Sn/Pb
93
10 µ”Au
200 µ”Sn
30 µ”Au
200 µ”Sn
Au Flash
200 µ”Sn
Transistor Sockets (Through-Hole Mount)
Transistor Sockets (Surface Mount)
ORDERING INFORMATION
45
36
.086
.145
.110
.165
.125
.020 DIA.
.018-.025
.010 .018
B=.200
.394
B=.200
B=.200
B=.230
B=.230
45
36
.010
.015-.025
.086
.146
.200
.110
.034 DIA.
.046 DIA.
.394
.018
*
B=.230
B=.230
B=.200
B=.200
B=.200
917-XX-103-41-005000
917-XX-104-41-005000
917-XX-108-41-005000
917-XX-208-41-005000
917-XX-210-41-005000
0.200
0.200
0.200
0.230
0.230
Type
Number
of Pins
Ordering Information
TO 5
TO 5
TO 5
TO 100
TO 100
3
4
8
8
10
Circle
Dia.
Tape and Reel Packaging: (Surface Mount ONLY)
917-XX-103-41-001000
917-XX-104-41-001000
917-XX-108-41-001000
917-XX-208-41-001000
917-XX-210-41-001000
917-XX-XXX-41-001799
Available on 24mm wide tape, 730 parts per 13” reel
0.200
0.200
0.200
0.230
0.230
Type
Number
of Pins
Ordering Information
Ordering Information:
TO 5
TO 5
TO 5
TO 100
TO 100
3
4
8
8
10
Circle
Dia.
43
47
41


Similar Part No. - 917-43-104-41-005000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
917-43-104-41-001000 MILL-MAX-917-43-104-41-001000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
More results

Similar Description - 917-43-104-41-005000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
940-44-044-24-000000 MILL-MAX-940-44-044-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
940-44-020-24-000000 MILL-MAX-940-44-020-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
940-44-052-24-000000 MILL-MAX-940-44-052-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-43-210-41-005000 MILL-MAX-917-43-210-41-005000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-93-208-41-005000 MILL-MAX-917-93-208-41-005000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-43-104-41-001000 MILL-MAX-917-43-104-41-001000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
OSRAM GmbH
SFH4725S OSRAM-SFH4725S Datasheet
238Kb / 10P
   OSLON Black Series (940 nm)
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
   3M??Through-Board Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com