Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS93V857 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS93V857
Description  2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V857 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS93V857 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 8Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 9Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ICS93V857-XXX
0693K—03/13/03
Designation for tape and reel packaging
Pattern Number
Package Type
L=TSSOP (TVSOP)
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS = Standard Device
Example:
ICS XXXX y L - PPP - T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
Ordering Information
ICS93V857yL-025T
ICS93V857yL-125T
ICS93V857yL-130T
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.13
0.23
.005
.009
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
aaa
--
0.08
--
.003
VARIATIONS
MIN
MAX
MIN
MAX
48
9.60
9.80
.378
.386
10-0037
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
0.40 BASIC
0.016 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
4.40 mm. Body, 0.40 mm. pitch TSSOP
(173 mil)
(16 mil)
Choice of static phase offset available, for easy board tuning;
-XXX = device pattern number for options listed below.
- ICS93V857-025 ...... 0ps
- ICS93V857-125 +125ps
- ICS93V857-130 .. +40ps


Similar Part No. - ICS93V857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
logo
Integrated Device Techn...
ICS93V857-XXX IDT-ICS93V857-XXX Datasheet
127Kb / 11P
   Feedback pins for input to output synchronization
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS93V857YL-125T ICST-ICS93V857YL-125T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS93V857YL-130T ICST-ICS93V857YL-130T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
More results

Similar Description - ICS93V857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Circuit Syst...
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com