Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL8211 Datasheet(PDF) 3 Page - Harris Corporation

Part No. ICL8211
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo HARRIS - Harris Corporation

ICL8211 Datasheet(HTML) 3 Page - Harris Corporation

  ICL8211 Datasheet HTML 1Page - Harris Corporation ICL8211 Datasheet HTML 2Page - Harris Corporation ICL8211 Datasheet HTML 3Page - Harris Corporation ICL8211 Datasheet HTML 4Page - Harris Corporation ICL8211 Datasheet HTML 5Page - Harris Corporation ICL8211 Datasheet HTML 6Page - Harris Corporation ICL8211 Datasheet HTML 7Page - Harris Corporation ICL8211 Datasheet HTML 8Page - Harris Corporation ICL8211 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
7-163
Specifications ICL8211, ICL8212
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +30V
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +30V
Hysteresis Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.5V to -10V
Threshold Input Voltage . . . . . . . . . . . . . +30V to -5V with respect to
GROUND and +0V to -30V with respect to V+
Current into Any Terminal
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 30mA
Thermal Resistance
θ
JA
θ
JC
Plastic DIP Package . . . . . . . . . . . . . . . .
150oC/W
-
Plastic SOIC Package . . . . . . . . . . . . . . .
180oC/W
-
Metal Can . . . . . . . . . . . . . . . . . . . . . . . .
156oC/W
68oC/W
Lead Temperature (Soldering, 10s). . . . . . . . . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Current into Any Terminal
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 30mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range
ICL8211M/8212M . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
ICL8211C/8212C . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
Storage Temperature Range. . . . . . . . . . . . . . . . . . -65oC to +150oC
Electrical Specifications V+ = 5V, TA = +25oC Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
ICL8211
ICL8212
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Supply Current
I+
2.0 < V+ < 30
VTH = 1.3V
10
22
40
50
110
250
µA
VTH = 0.9V
50
140
250
10
20
40
µA
Threshold Trip Voltage
VTH
IOUT = 4mA
VOUT = 2V
V+ = 5V
0.98
1.15
1.19
1.00
1.15
1.19
V
V+ = 2V
0.98
1.145
1.19
1.00
1.145
1.19
V
V+ = 30V
1.00
1.165
1.20
1.05
1.165
1.20
V
Threshold Voltage
Disparity Between
Output & Hysteresis
Output
VTHP
IOUT = 4mA
IHYST = 7mA
VOUT = 2V
VHYST = 3V
-
-0.8
-
-
-0.5
-
mV
Guaranteed Operating
Supply Voltage Range
VSUPPLY
+25oC (Note 3)
2.0
-
30
2.0
-
30
V
0oC to +70oC (Note 3)
2.2
-
30
2.2
-
30
V
Minimum Operating
Supply Voltage Range
VSUPPLY
+25oC
-
1.8
-
-
1.8
-
V
+125oC
-
1.4
-
-
1.4
-
V
-55oC
-
1.5
-
-
2.5
-
V
Threshold Voltage Tem-
perature Coefficient
∆V
TH/∆TIOUT = 4mA, VOUT = 2V
-
± 200
-
-
± 200
-
ppm/oC
Variation of Threshold
Voltage with Supply
Voltage
∆V
TH/∆V+
∆V+ = 10% at V+ = 5V
-
1.0
-
-
1.0
-
mV
Threshold Input Current
ITH
VTH = 1.15V
-
100
250
-
100
250
nA
VTH = 1.00V
-
5
-
-
5
-
nA
Output Leakage Current
IOLK
VOUT = 30V
VTH = 0.9V
-----
10
µA
VTH = 1.3V
-
-
10
-
-
-
µA
VOUT = 5V
VTH = 0.9V
-----
1
µA
VTH = 1.3V
-
-
1
-
-
-
µA
Output Saturation
Voltage
VSAT
IOUT = 4mA
VTH = 0.9V
-
0.17
0.4
-
-
-
V
VTH = 1.3V
----
0.17
0.4
V
Max Available Output
Current
IOH
(Notes 3 & 4)
VOUT = 5V
VTH = 0.9V
4
7.0
12
-
-
-
mA
VTH = 1.3V
-
-
-
15
35
-
mA
Hysteresis Leakage
Current
ILHYS
V+ = 10V,
VHYST = GND
VTH = 1.0V
-
-
0.1
-
-
0.1
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL