Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0701R2V Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HCPL-0701R2V
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0701R2V Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL-0701R2V Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 9Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 10Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 11Page - Fairchild Semiconductor HCPL-0701R2V Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
12/11/03
Page 10 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
ORDERING INFORMATION
MARKING INFORMATION
Option
Order Entry Identifier
Description
V
V
VDE 0884
R1
R1
Tape and reel (500 units per reel)
R1V
R1V
VDE 0884, Tape and reel (500 units per reel)
R2
R2
Tape and reel (2500 units per reel)
R2V
R2V
VDE 0884, Tape and reel (2500 units per reel)
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘3’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
700
S
YY
X
V


Similar Part No. - HCPL-0701R2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-0701 HP-HCPL-0701 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701 AVAGO-HCPL-0701 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

Similar Description - HCPL-0701R2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com