Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHF-RAA20-121NB-FA Datasheet(PDF) 2 Page - DDK Ltd.

Part # DHF-RAA20-121NB-FA
Description  Half Pitch Low Profile Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHF-RAA20-121NB-FA Datasheet(HTML) 2 Page - DDK Ltd.

  DHF-RAA20-121NB-FA Datasheet HTML 1Page - DDK Ltd. DHF-RAA20-121NB-FA Datasheet HTML 2Page - DDK Ltd. DHF-RAA20-121NB-FA Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
DHF Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
○ I/O Cable Plug Connector (Hood )
Part Number
Number of
Contact
A
B
C
D
E (max.)
DHF-PDA10- □ -A □ 1-FA
10
22.75
10.80
5.08
5.0
23.75
DHF-PDA20- □ -A □ 1-FA
20
29.10
17.15
11.43
5.8
30.10
DHF-PDA10-3-A01-FA
Contact Plating
1 Contact Area: Au(0.76 μ m) over Ni Plating
 Tail Area: Sn-Ag Plating
2 Contact Area: Au(0.25 μ m) over Ni Plating
 Tail Area: Sn-Ag Plating
3 Contact Area: Au(Flash) over Ni Plating
 Tail Area: Sn-Ag Plating
Mating Style
P: Plug Connector
Hood Color
0: Black
1: Beige
2: Gray
3: Dark Grry
Connector Style
DA: I/O Cable Type
Hood Style
A: Plastic Hood Straight (Long Hood)
FA: Lead Free
1: DDK Mark
Number of Contact
10, 20 
※ Please refer the instruction manual as attached with DHF assembly tool set.
DHF cable calmp assembly tools are used depend on the number of contact. Please refer to the above table.
DHF Cable Calmp Assembly Tool Set
DHF Cable Clamp Assembly Tool
DHF Cable Clamp Locator
for DHF-PDA10,20 357J-12773
357J-12199
357J-12228-1,-2
for DHF-PDA10
357J-12773-10
357J-12228-1
for DHF-PDA20
357J-12773-20
357J-12228-2
Assembly Tools
8
1
33
Assembly Tool
Part Number
Item
Part Number
DHF-HP □□ -D □□
Assembly Tool Set
357J-12463- □□
□ : Number of Contact
(ex.) 10 contacts
357J-12463-10
DHF-PDA Cable Wiring and Cable Cutting Tool
 357J-12224
DHF Termination Tool
 357J-12198
DHF Cable Clamp Assembly Tool Set
 357J-12773
DHF Cable Clamp Assembly Tool
 357J-12199
DHF Cable Clamp Locator
 357J-12228- □


Similar Part No. - DHF-RAA20-121NB-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHF-RAA20-121NB-FA DDK-DHF-RAA20-121NB-FA Datasheet
227Kb / 3P
   Half Pitch Low Profile Connectors
More results

Similar Description - DHF-RAA20-121NB-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA Datasheet
227Kb / 3P
   Half Pitch Low Profile Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
   HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
XH3 OMRON-XH3 Datasheet
1Mb / 10P
   Half-pitch Board-to-Board Connectors
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
logo
Hirose Electric
DF26A1.2-09CP-1.1V HIROSE-DF26A1.2-09CP-1.1V Datasheet
1Mb / 6P
   1.1mm Pitch Low Profile Compression Connectors
logo
DDK Ltd.
LPC-LP-0.8DQEW DDK-LPC-LP-0.8DQEW Datasheet
187Kb / 2P
   Low-profile Coaxial Connectors
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
DDK Ltd.
HU5-100PNA-R51TD20-FA DDK-HU5-100PNA-R51TD20-FA Datasheet
153Kb / 2P
   2.54mm Pitch Low Profile Pin Header Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com