Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-C025-P0000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-C025-P0000
Description  AlInGaP LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C025-P0000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-C025-P0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C025-P0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1−46
HLMP-Cx08/Cx25
テーピング寸法図
ストレートリード
テーピングタイプ指定方法
テーピングを指定する場合は、型番の最後の2桁に指定コード DD を当てはめて下さい。
例) HLMP-C008-U0000 にテーピングを指定する場合は、
HLMP-C008-U00DD となります。
つづら折りパッケージ(2000 個入り)
18.50
17.50
9.75
8.50
3.30
2.30
13.00
12.40
13.70
11.70
7.65
20.5±1.0
5.05
5.79
4.42
9.19
8.43
11.00
MAX.
0.90
0.50
4.20
3.80
15.30
12.00
14.50
MIN.
2.54
MAX.
1.50 MAX.
0.000±1.0
Φ
5.08
4.57
Φ
TYP.
カソード
HLMP-□□□-□□□
最後の2桁
C
D D
273mm
345mm
50mm


Similar Part No. - HLMP-C025-P0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

Similar Description - HLMP-C025-P0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELD-640-523-1 ETC1-ELD-640-523-1 Datasheet
16Kb / 1P
   Red AlInGaP/GaAs LED lamp
logo
Lite-On Technology Corp...
LTST-C190KYKT LITEON-LTST-C190KYKT Datasheet
600Kb / 7P
   Ultra Bright AlInGaP Chip LED Lamp
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
   LED AlInGaP
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
   LED - AlInGaP
logo
OSA Opto Light GmbH
194170 OSA-194170 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
181272 OSA-181272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
180272 OSA-180272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com