Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTPL-P013WST1 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTPL-P013WST1
Description  High Power LED - 1W, 3W, and 5W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P013WST1 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTPL-P013WST1 Datasheet HTML 1Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Power LED - 1W, 3W, and 5W
Parts are available in tubes and in tape and reel (500 pcs reel). MCPCB version is shipped in trays in box.
Detail specification is available upon request.
Features highlight -
Applications -
High brightness output
Architectural lighting
High current drive up to 1000 mA
Small area landscape lighting
Low thermal resistance
Mood lights, Decorative lights
Long operating life, Fast response
Exit signs, Emergency lights
120 degree viewing angle
Channel letters, Store signs and displays
Match existing Power LED footprint
Portable flash lights
MCPCB assembly available
LITE-ON, INC.
Austin, TX
512-835-6052
www.us.liteon.com
Chicago, IL
262-862-9451
ALL RIGHTS RESERVED
December 2008
Product Announcement
Optoelectronics Division


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn