Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-P05DZS27 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPL-P05DZS27
Description  LED HIGH POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P05DZS27 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPL-P05DZS27 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P05DZS27 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
05
LED HIGH POWER
P05 Product Series
BNC-OD-C131/A4
Created Date: 03/13/2013
Revision: 1.4, 06/17/2013
3.2 Electro-Optical Characteristics
LTPL-P05DXXXX
Nominal CCT
Minimum
CRI
Current
(mA)
Typ.
VF (V)
@25°
°°°C
Typ.
Flux(lm)
@25°
°°°C
Typ.
VF (V)
@85°
°°°C
Typ.
Flux(lm)
@85°
°°°C
Eff.(lm/W)
@25°
°°°C
Eff.(lm/W)
@85°
°°°C
2700K
80
40mA
100
330
94
297
82.5
79.0
3000K
80
40mA
100
350
94
315
87.5
83.8
LTPL-P05EXXXX
Nominal CCT
Minimum
CRI
Current
(mA)
Typ.
VF (V)
@25°
°°°C
Typ.
Flux(lm)
@25°
°°°C
Typ.
VF (V)
@85°
°°°C
Typ.
Flux(lm)
@85°
°°°C
Eff.(lm/W)
@25°
°°°C
Eff.(lm/W)
@85°
°°°C
2700K
80
350
12
419
11.6
377
99.8
92.6
3000K
80
350
12
440
11.6
396
104.8
97.2
4000K
80
350
12
461
11.6
415
109.8
101.8
5000K
80
350
12
499
11.6
449
118.7
110.2
5700K
80
350
12
482
11.6
434
114.7
106.5
.
Notes
1.
P05 maintains a tolerance of ±7% on flux and power measurement.
2.
LEDs are lighted up and measured with externally parallel connecting leads of LED.
3.
Luminous flux is the total luminous flux output as measured with an integrating sphere.
4.
The chromaticity coordinates (x, y) is derived from the CIE 1931 chromaticity diagram.
5.
IS CAS140B is for the luminous flux (lm) and the CIE1931 chromaticity coordinates (x, y) testing. The chromaticity
coordinates (x, y) guarantee should be added ± 0.01 tolerance.
6.
P05 maintains a tolerance of ±3% on voltage measurement.
7.
P05 maintains a tolerance of ±3 on color rendering index measurement.
8.
LTPL-P05DXXXX: test current is 20mA/string and VF is average test value.
9.
LTPL-P05EXXXX: test current is 116.7mA/string and VF is average test value.


Similar Part No. - LTPL-P05DZS27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P00DMS-27 LITEON-LTPL-P00DMS-27 Datasheet
225Kb / 14P
   HIGH POWER LED
LTPL-P00DMS27 LITEON-LTPL-P00DMS27 Datasheet
225Kb / 14P
   HIGH POWER LED
LTPL-P00DMS30 LITEON-LTPL-P00DMS30 Datasheet
217Kb / 14P
   HIGH POWER LED
LTPL-P00DNS40 LITEON-LTPL-P00DNS40 Datasheet
212Kb / 14P
   HIGH POWER LED
LTPL-P00DWS57 LITEON-LTPL-P00DWS57 Datasheet
178Kb / 13P
   High power LED light source Long life, up to 100k hours Instant light Iess than 100ns
More results

Similar Description - LTPL-P05DZS27

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com