Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3411-L Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3411-L
Description  Precision Secondary Regulator and Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3411-L Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3411-L Datasheet HTML 7Page - Texas Instruments LM3411-L Datasheet HTML 8Page - Texas Instruments LM3411-L Datasheet HTML 9Page - Texas Instruments LM3411-L Datasheet HTML 10Page - Texas Instruments LM3411-L Datasheet HTML 11Page - Texas Instruments LM3411-L Datasheet HTML 12Page - Texas Instruments LM3411-L Datasheet HTML 13Page - Texas Instruments LM3411-L Datasheet HTML 14Page - Texas Instruments LM3411-L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
+
±
GND
OUT
COMP.
( )
+
( )
-
1.23 V
+
Rf, 52 k for 3.3 V
94 k for 5 V
IN
31 k
Rf
Copyright © 2017, Texas Instruments Incorporated
11
LM3411-L
www.ti.com
SNVSAX5 – JUNE 2017
Product Folder Links: LM3411-L
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM3411-L is a shunt regulator specifically designed to be the reference and control section in an overall
feedback loop of a regulated power supply. The regulated output voltage is sensed between the IN pin and
GROUND pin of the LM3411-L. If the voltage at the IN pin is less than the LM3411-L regulating voltage (VREG),
the OUT pin sources no current. As the voltage at the IN pin approaches the VREG voltage, the OUT pin begins
sourcing current. This current is then used to drive a feedback device, (optocoupler) or a power device (linear
regulator, switching regulator, and so forth) which serves the output voltage to be the same value as VREG.
In some applications (even under normal operating conditions), the voltage on the IN pin can be forced above
the VREG voltage. In these instances, the maximum voltage applied to the IN pin should not exceed 20 V. In
addition, an external resistor may be required on the OUT pin to limit the maximum current to 20 mA.
8.2 Functional Block Diagrams
Figure 17. LM3411-L Functional Diagram


Similar Part No. - LM3411-L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3411 NSC-LM3411 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411AM5-3.3 NSC-LM3411AM5-3.3 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411AM5-3.3/NOPB TI1-LM3411AM5-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411AM5-5.0 NSC-LM3411AM5-5.0 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
More results

Similar Description - LM3411-L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
[Old version datasheet]   Precision Secondary Regulator and Driver
logo
National Semiconductor ...
LM3411 NSC-LM3411 Datasheet
350Kb / 13P
   Precision Secondary Regulator/Driver
logo
Texas Instruments
LM3411 TI-LM3411_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3411 Precision Secondary Regulator/Driver
logo
Semtech Corporation
SC4901 SEMTECH-SC4901 Datasheet
586Kb / 20P
   COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
ON Semiconductor
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
STK7216 ETC-STK7216 Datasheet
119Kb / 2P
   SECONDARY CHOPPER REGULATOR FOR VTR
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com